Electronic Components Datasheet Search
  English  ▼

X  

LT8301 Datasheet(PDF) 19 Page - Analog Devices

Part # LT8301
Description  5-Port SPoE PSE Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8301 Datasheet(HTML) 19 Page - Analog Devices

Back Button LT8301 Datasheet HTML 15Page - Analog Devices LT8301 Datasheet HTML 16Page - Analog Devices LT8301 Datasheet HTML 17Page - Analog Devices LT8301 Datasheet HTML 18Page - Analog Devices LT8301 Datasheet HTML 19Page - Analog Devices LT8301 Datasheet HTML 20Page - Analog Devices LT8301 Datasheet HTML 21Page - Analog Devices LT8301 Datasheet HTML 22Page - Analog Devices LT8301 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
Data Sheet
LTC4296-1
THEORY OF OPERATION
analog.com
Rev. 0 | 19 of 46
Classification for Discoverable Systems
The SPoE class defines the PSE output voltage range and maxi-
mum power sourced or consumed in the system. PoDL comprises
Class 0 through Class 15. Class 10 through Class 15 are defined
by IEEE 802.3cg for discoverable systems as shown in Table 5 and
Table 6. Class 10 through Class 12 provide a 24 V nominal PSE
output voltage, as required by many industrial, factory automation,
legacy building automation, and wet locations. Each of the three
24 V classes represents a different cabling definition and accompa-
nying maximum power transfer. Class 13 through Class 15 provide
a 54 V nominal PSE output voltage, to maximize power transfer
without exceeding the safety extra low voltage (SELV). Compatible
SPoE, PSE and PD class pairs are shown in Table 7.
PoDL defines the SCCP for classifying a PD. The SCCP uses three
basic symbols: initialization, read-slot, and write-slot. Classification
is performed in the detection state by the host microcontroller using
the SCCP. Refer to the EVAL-SPoE-KIT-AZ Evaluation Kit User
Guide (the LTC4296-1 demonstration board) for additional informa-
tion on how to implement the SCCP with the host microcontroller.
IEEE 802.3cg also supports an optional CRM feature as part of the
SCCP. CRM allows a PSE to allocate additional power otherwise
allocated for cable loss to a PD when connected through less than
the maximum allowed cable resistance.
Table 5. IEEE 802.3cg Class Power Requirements Matrix for PSE and PDs
Class Symbol and Unit
Class Description
Class 10
Class 11
Class 12
Class 13
Class 14
Class 15
VPSE (V)
PSE output voltage
20 to 30
50 to 58
IPI(MAX) (mA)
Cable current
92
240
632
231
600
1579
PCLASS(MIN) (W)
PSE output power
1.85
4.8
12.63
11.54
30
79
VPD(MIN) (V)
PD input voltage
14
35
PPD(MAX) (W)
PD power
1.23
3.2
8.4
7.7
20
52
RLINK_SEG_LOOP (Ω)
Cable resistance
65
25
9.5
65
25
9.5
Table 6. IEEE 802.3cg Class Power Requirements Matrix Example Link Segment Maximum Distances
Example Cable
Maximum Lengths (m)
Class 10
Class 11
Class 12
Class 13
Class 14
Class 15
14AWG, 14 Gauge Cable
10001
1000
400
10001
1000
400
18AWG, 18 Gauge Cable
1000
400
158
1000
400
158
24AWG, 24 Gauge Cable
300
100
40
300
100
40
1 IEEE 802.3cg limits cable length to 1000 m.
Table 7. PSE and PD Class Compatibility Matrix
PD Class
PSE Class
10
11
12
13
14
15
10
Yes
Yes
Yes
No
No
No
11
No
Yes
Yes
No
No
No
12
No
No
Yes
No
No
No
13
No
No
No
Yes
Yes
Yes
14
No
No
No
No
Yes
Yes
15
No
No
No
No
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com