Electronic Components Datasheet Search
  English  ▼

X  

LT8301 Datasheet(PDF) 23 Page - Analog Devices

Part # LT8301
Description  5-Port SPoE PSE Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8301 Datasheet(HTML) 23 Page - Analog Devices

Back Button LT8301 Datasheet HTML 19Page - Analog Devices LT8301 Datasheet HTML 20Page - Analog Devices LT8301 Datasheet HTML 21Page - Analog Devices LT8301 Datasheet HTML 22Page - Analog Devices LT8301 Datasheet HTML 23Page - Analog Devices LT8301 Datasheet HTML 24Page - Analog Devices LT8301 Datasheet HTML 25Page - Analog Devices LT8301 Datasheet HTML 26Page - Analog Devices LT8301 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
Data Sheet
LTC4296-1
THEORY OF OPERATION
analog.com
Rev. 0 | 23 of 46
idle state. The tRESTART timer limits are programmable (Register
PxCFG1, Bits[5:4], TOD_TRESTART_TIMER).
Overload State
A current overload fault can occur during any state except the
disabled state or detection state. This fault causes the port to enter
the overload state.
In the overload state, the port high-side MOSFET is turned off, and
the port output voltage is discharged to the VDISABLE range. The
port waits the overload delay time (tOD) before going to the idle
state. The tOD timer limits are programmable (PxCFG1, Bits[5:4],
TOD_TRESTART_TIMER).
Maintain Full Voltage Signature (MFVS)
MFVS detection guarantees that the full operating voltage is applied
only when a PD is connected and requires full power. A PD must
draw more than 11 mA to ensure it continues to receive the full
operating voltage. In the power-on state, a port must consider the
MFVS present when the port current exceeds the maximum hold
current (IHOLD(MAX)) of 10 mA for at least tMFVS. The port MFVS
is absent when the port current drops to less than the minimum
hold current (IHOLD(MIN)) of 2.5 mA for at least tMFVDO. A port can
consider the MFVS present or absent when the port current is in
the IHOLD range (Figure 50). If the MFVS is absent, the port enters
the settle-sleep state and discharges the port output voltage to the
VSLEEP range.
Figure 50. IEEE 802.3bu MFVS Current Ranges
The LTC4296-1 offers a number of advanced power management
features. The WAKEUP pin can be used as a hardware interrupt to
indicate a PD initiated wake-up or to forward a wake-up request,
both of which can be disabled through the SPI. The LTC4296-1 also
has a low current deep sleep mode that is useful in battery-powered
applications when all the ports are either in the disabled or sleep
state.
A port can be forced to stay in the power-on state if the MFVS
is absent by disabling the tMFVDO timer (Register PxCFG0, Bit 7,
TMFVDO_TIMER_DISABLE).
The MFVS threshold of a port is programmable (Register
PxADCCFG, Bits[7:0], MFVS_THRESHOLD). The following equa-
tion gives the optimum code as a function of the high-side sense
resistor, R1, and the value is rounded to the nearest integer:
MFVS Threshold Code = 62.5 × R1
(1)
HOST SERIAL INTERFACE
The LTC4296-1 communicates with the system host using the SPI.
The CS input allows the host to select the end device at a time for
serial communication when multiple end devices share a common
SPI bus.
SPI Clock Phase and Polarity
The LTC4296-1 operates in SPI Mode 3 (SCK polarity (CPOL) = 1,
clock phrase (CPHA) = 0, and idle CLK = 1). Consequently, data on
the SDI must be stable during the rising edge of SCK as shown in
Figure 51 and Figure 52 (write and read, respectively).
Data Transfers
Every command (read or write) is 1 byte long consisting of 7 bits of
address and 1 read and/or write bit. Every register value is 2 bytes
long. The command and data are transferred with the MSB first.
On a write, the data value on the SDI is latched into the device on
the rising edge of the SCK (Figure 51). Similarly, on a read, the
data value output on the SDO is valid during the rising edge of the
SCK and transitions on the falling edge of the SCK (Figure 52). CS
must remain low for the entire duration of a command sequence,
including between a command byte and subsequent data.
PEC Byte
The PEC byte is a cyclic redundancy check (CRC) value calculated
for all the bits in a register group in the order the bits are passed,
using the initial PEC value of 0x41, and this characteristic polyno-
mial, x8 + x2 + x + 1.
To calculate the 8-bit PEC value, take the following steps:
1. Initialize the PEC to 0x41.
2. For each data bit (DIN) coming into the register group, set IN0 =
DIN XOR PEC, Bit 7, and then IN1 = PEC0 XOR IN0, and IN2 =
PEC1 XOR IN0.
3. Update the 8-bit PEC as PEC7 = PEC6, PEC6 = PEC5 …
PEC3 = PEC2, PEC2 = IN2, PEC1 = IN1, and PEC0 = IN0.
4. Go back to Step 2 until all data is shifted. The 8-bit result is the
final PEC byte.
For a given SPI transaction, the PEC byte is calculated over the
entire command byte, which includes the address and a read
and/or write bit, using the previous steps. The PEC byte is then
reinitialized to 0x41 for subsequent data-word reads or writes. The
PEC byte is calculated for each data-word separately.
The LTC4296-1 calculates a PEC byte for any command or data
received and compares it with the PEC byte received following the
command or data. The command or data is regarded as valid only
if the PEC bytes match. For a SPI read operation, the LTC4296-1
attaches the calculated PEC byte at the end of the data it shifts out
on the SDO pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com