Electronic Components Datasheet Search
  English  ▼

X  

LT8301 Datasheet(PDF) 17 Page - Analog Devices

Part # LT8301
Description  5-Port SPoE PSE Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8301 Datasheet(HTML) 17 Page - Analog Devices

Back Button LT8301 Datasheet HTML 13Page - Analog Devices LT8301 Datasheet HTML 14Page - Analog Devices LT8301 Datasheet HTML 15Page - Analog Devices LT8301 Datasheet HTML 16Page - Analog Devices LT8301 Datasheet HTML 17Page - Analog Devices LT8301 Datasheet HTML 18Page - Analog Devices LT8301 Datasheet HTML 19Page - Analog Devices LT8301 Datasheet HTML 20Page - Analog Devices LT8301 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
Data Sheet
LTC4296-1
THEORY OF OPERATION
analog.com
Rev. 0 | 17 of 46
OVERVIEW
The LTC4296-1 is an IEEE 802.3cg-compliant, SPoE, PSE control-
ler that controls and monitors power delivery for up to five PDs. The
complementary data protocol for SPoE is 10BASE-T1L.
With a host microcontroller, the LTC4296-1 provides the circuitry
required to implement an IEEE 802.3cg-compliant PSE design. Ad-
ditional required components include a per port external, N-channel
MOSFET and a sense resistor to implement high-side electronic
circuit breakers with foldback ACL. An optional low-side, N-channel
MOSFET, combined with per port, low-side sense resistors can
be used to implement a low-side electronic circuit breaker. The
LTC4296-1 application circuit provides the fault tolerance mandated
by IEEE 802.3cg, increases system reliability, and minimizes power
losses compared to designs with on-board MOSFETs.
The source and return circuit breakers offer protection against the
following output faults at the connector:
►
A short between the two conductors
►
A short on one conductor or both conductors to an external
positive voltage
►
A short on the positive conductor to ground
The host microcontroller is used to configure the LTC4296-1 for PD
classification by writing to the configuration registers using the SPI.
The host microcontroller can also communicate with the LTC4296-1
via the SPI to read telemetry, such as port status, port voltages,
and currents. The data integrity of the SPI is verified with the PEC
feature.
SPoE
SPoE is a standard protocol for sending power over 2-wire Ethernet
data cables. SPoE is similar in concept to traditional power over
Ethernet (PoE) but differs significantly in definition and implementa-
tion. The differences stem mainly from the unique power coupling
techniques used in a 2-wire circuit, as opposed to 4-wire and
8-wire, pair-oriented powering techniques of PoE. SPoE enables
the simultaneous transmission of power and data over a single
conductor pair, for example, balanced twisted pair or coaxial cable
(Figure 44).
Single pair Ethernet (SPE) data connections consist of a single pair
of wires, AC-coupled at each end to avoid ground loops. Unlike
PoE systems that transmit power common mode to the data, SPoE
systems, diplex power and data over a single pair of conductors.
IEEE 802.3cg (SPoE) is an extension of 802.3bu power over data
lines (PoDL). The IEEE Standards Association ratified PoDL in
2016. Multiple complementary data standards are already ratified
or in development, ranging from 10 Mbps to 10 Gbps and higher.
PoDL defines protocols for detecting, classifying, powering, discon-
necting, and standby power operation. IEEE 802.3cg was ratified
in 2019 to add features targeting long reach protocols, such as
10BASE-T1L, with cable lengths of up to 1 km.
SPoE was tailored to meet building and factory automation market
requirements. SPoE also defines the classification-based power
delivery protocol for the PSE and PD. Classification ensures PSE
and PD compatibility and avoids applying power into a short-circuit
or an open-circuit. The PSE performs detection, followed by classifi-
cation, of the PD before applying the full operating voltage. During
classification, the PSE requests information such as class, type,
and cable resistance measurement (CRM) support from the PD.
If the PSE determines that the PD is compatible, it applies the
full operating voltage to the PD at the medium dependent inter-
face/power interface (MDI/PI). If CRM is supported, the PSE and
PD can negotiate allocation of surplus power to the PD. The PSE
can skip classification and power up a PD that provides a valid
detection signature. A PD providing an invalid detection signature,
however, must undergo classification before being powered. A PD
is required to present a valid MFVS to remain fully powered. If
the PD is disconnected or goes to sleep, the PSE detects the
absence of the MFVS and removes the full operating voltage. The
PSE removes the output voltage entirely in the event of a fault or
short-circuit.
After removing the full operating voltage in the absence of the
MFVS, the PSE enters a low power sleep state and provides
VSLEEP (3.4 V typical) at the port.
Wake-up functions from sleep are flexible and can flow either
upstream (PD initiated) or downstream (PSE initiated). The PD can
request restoration of the full operating voltage by presenting a
wake-up current signature to the PSE. The PSE can also initiate
a wake-up of the PD by providing the full operating voltage after
successful classification.
Figure 44. Basic SPoE Architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com