Electronic Components Datasheet Search
  English  ▼

X  

LT8301 Datasheet(PDF) 3 Page - Analog Devices

Part # LT8301
Description  5-Port SPoE PSE Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8301 Datasheet(HTML) 3 Page - Analog Devices

  LT8301 Datasheet HTML 1Page - Analog Devices LT8301 Datasheet HTML 2Page - Analog Devices LT8301 Datasheet HTML 3Page - Analog Devices LT8301 Datasheet HTML 4Page - Analog Devices LT8301 Datasheet HTML 5Page - Analog Devices LT8301 Datasheet HTML 6Page - Analog Devices LT8301 Datasheet HTML 7Page - Analog Devices LT8301 Datasheet HTML 8Page - Analog Devices LT8301 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
Data Sheet
LTC4296-1
ELECTRICAL CHARACTERISTICS
analog.com
Rev. 0 | 3 of 46
Specifications apply over the full operating temperature range, and the input supply voltage (VIN) = 6 V and 60 V, unless otherwise noted. Pin
voltages are referred to as VPIN, and pin currents are referred to as IPIN, where PIN is the name of pin. All currents into the device pins are
positive, and all currents out of the device pins are negative. All voltages are referenced to GND, unless otherwise specified.
Table 1. Electrical Characteristics
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
IN
Input Supply Operating Range, VIN
6
60
V
Input Supply Current, IIN
All ports in power-on state
6.5
10
mA
All ports in sleep state, serial bus idle
52
140
µA
All ports in disabled state, serial bus idle
51
135
µA
All ports in detection state
80
90
mA
INT
INT Voltage, VINT
IINT = 0 µA or −100 µA
4.1
4.3
4.5
V
HSNSPx and HSNSMx
Analog Foldback Current-Limit Threshold, VILIMx
VILIMx = VHSNSPx − VHSNSMx, VIN − VOUTPx < 12 V, VHSNSPx = 6
V or 60 V
177
186
193
mV
VIN − VOUTPx = 60 V, VHSNSPx = 60 V
37
41
46
mV
HSNSPx Input Current, IIN_HSNSPx
VIN = VHSNSPx = VHSNSMx = 60 V
95
190
µA
HSNSMx Input Current, IIN_HSNSMx
VIN = VHSNSPx = VHSNSMx = 60 V
66
128
µA
LSNS0
Port 0 Forward Circuit Breaker Threshold, ∆VLSNS0(FCB)
∆VLSNS0(FCB) = VOUTM0 − VLSNS0
60
76
90
mV
Port 0 Reverse Circuit Breaker Threshold, ∆VLSNS0(RCB)
∆VLSNS0(RCB) = VLSNS0 − VOUTM0
60
76
90
mV
Deep Sleep Return Path Reverse Fault Threshold,
VSLP(RCB)
All ports in sleep and disabled state, serial bus idle, VSLP(RCB) =
VLSNS0
–1.2
–0.87
–0.25
V
Deep Sleep Return Path Forward Fault Threshold,
ISLP(FCB)
All ports in sleep and disabled state, serial bus idle
15
34
45
mA
Deep Sleep Return Path Short Circuit Current, ISLP_LSNS0 All ports in sleep and disabled state, serial bus idle, VLSNS0 =
2.5 V
40
79
110
mA
Deep Sleep Return Path Impedance, RSLP_LSNS0
All ports in sleep and disabled state, serial bus idle, ILSNS0 = 10
mA
17
22
45
Ω
LSNS1/SNS2 and LSNS3/LSNS4
Forward Circuit Breaker Threshold, ΔVLSNSx(FCB)
ΔVLSNSx(FCB) = VOUTMx – VLSNSx
60
76
90
mV
Reverse Circuit Breaker Threshold, ΔVLSNSx(RCB)
ΔVLSNSx(RCB) = VLSNSx – VOUTMx
60
76
90
mV
Input Current, ILSNSx
VLSNSx = –0.1 V or +0.1 V, TA = 25°C
–2.5
µA
HGATEx
External Port Source Path N-Channel MOSFET Gate
Drive, ∆VHGATEx
AUTO high, ΔVHGATEx = VHGATEx − VOUTPx, IHGATEx = 0 μA or –1
μA
9.3
10.2
10.6
V
HGATEx Pull-Up Current, IHGATEx_UP
Power-on state, ΔVHGATEx = 3 V
–45
–34
–28
µA
HGATEx Fast Pull-Down Current, IHGATEx_FAST
Power-on state, VHSNSPx − VHSNSMx = 0.3 V, ΔVHGATEx = 3 V
40
72
150
mA
HGATEx Slow Pull-Down Current, IHGATEx_SLOW
Disabled state, ΔVHGATEx = 1.5 V, VOUTPx = 0 V
8
16
24
mA
Disabled state, ΔVHGATEx = 1.5 V, VOUTPx = –2 V
40
110
185
µA
HGATEx Fast Pull-Down Dropout Voltage,
VPULLDOWN_FASTx
Power-on state, VOUTPx = 0 V, IHGATEx = 1 mA, VHSNSPx −
VHSNSMx = 0.3 V
1.1
1.4
V
HGATEx Slow Pull-Down Dropout Voltage,
VPULLDOWN_SLOWx
Disabled state, VOUTPx = 0 V, IHGATEx = 10 μA
0.14
0.3
V
HGATEx Inrush Slew Rate, dVHGATEx/dt
Power-on state, VHSNSPx − VHSNSMx < 30 mV
14
16.5
19
V/ms
LGATE
External Return Path N-Channel Gate Drive, ∆VLGATE
Power-on state, 6 V < VIN < 8.6 V, ILGATE = 0 μA or –1 μA
VIN – 0.2
VIN
V
Power-on state, VIN ≥ 8.6 V, ILGATE = 0 mA or –1mA
8.25
9.5
9.8
V
LGATE Pull-Up Current, ILGATE(UP)
AUTO high, VLGATE – VLSRC = 3 V
–3.3
–2.2
–0.6
mA
LGATE Pull-Down Current, ILGATE(DWN)
LGATE disabled, VLGATE = 3 V, VLSRC = 0 V
70
180
270
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com