Electronic Components Datasheet Search
  English  ▼

X  

LT8301 Datasheet(PDF) 20 Page - Analog Devices

Part # LT8301
Description  5-Port SPoE PSE Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8301 Datasheet(HTML) 20 Page - Analog Devices

Back Button LT8301 Datasheet HTML 16Page - Analog Devices LT8301 Datasheet HTML 17Page - Analog Devices LT8301 Datasheet HTML 18Page - Analog Devices LT8301 Datasheet HTML 19Page - Analog Devices LT8301 Datasheet HTML 20Page - Analog Devices LT8301 Datasheet HTML 21Page - Analog Devices LT8301 Datasheet HTML 22Page - Analog Devices LT8301 Datasheet HTML 23Page - Analog Devices LT8301 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
Data Sheet
LTC4296-1
THEORY OF OPERATION
analog.com
Rev. 0 | 20 of 46
USAGE CASES
802.3cg-Compliant PSE
The primary usage case for the LTC4296-1 is an 802.3cg-compliant
PSE. With this case, the LTC4296-1 AUTO pin is pulled low and
a host operates the LTC4296-1 ports semimanually through the
states shown in Figure 46. In each state, the LTC4296-1 controls
the port output voltage accordingly.
From a system power-up or device reset, the LTC4296-1 starts in
the disabled state. An LTC4296-1 port is enabled by the host and
moves on to the idle state. The LTC4296-1 then awaits a command
from the host to move on to the next state.
When ready, the host configures the LTC4296-1 port to enter the
detection state. Note that the LTC4296-1 checks the port current
status before moving on to detection.
When the port is in the detection state, the host sets the LTC4296-1
to the classification state and performs the SCCP with a valid PD.
Once the host microcontroller determines that the class of the PD
is compatible, it can then command the port to enter the power-up
state.
During the power-up state, the LTC4296-1 controls inrush and mon-
itors the port output voltage to determine when inrush is complete.
After a successful power-up, the port enters the power-on state and
remains there until the LTC4296-1 detects a current overload fault
or an MFVS timeout, or the device is instructed by the host to exit
power-on when power is no longer available.
If the LTC4296-1 removes power to the port due to an invalid
MFVS, it monitors the port voltage discharge in the settle-sleep
state.
The LTC4296-1 enters the low power, sleep state after a successful
port discharge. In this state, the LTC4296-1 waits for the user, host,
or PD to initiate a wake-up before returning to the detection state.
While in the idle, power-on, settle-sleep, or sleep states, the
LTC4296-1 monitors the port for current overload fault conditions. If
a fault occurs, the LTC4296-1 turns off the port and waits a set time
in the overload state before entering the idle state.
A port that fails to exit either the detection or power-up states
successfully before the maximum allotted time enters the restart
state. The port then waits a set time before re-entering the idle
state.
Figure 46. Simplified 802.3cg-Compliant PSE State Sequence (Not to Scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com