Electronic Components Datasheet Search
  English  ▼

X  

LT8301 Datasheet(PDF) 29 Page - Analog Devices

Part # LT8301
Description  5-Port SPoE PSE Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8301 Datasheet(HTML) 29 Page - Analog Devices

Back Button LT8301 Datasheet HTML 25Page - Analog Devices LT8301 Datasheet HTML 26Page - Analog Devices LT8301 Datasheet HTML 27Page - Analog Devices LT8301 Datasheet HTML 28Page - Analog Devices LT8301 Datasheet HTML 29Page - Analog Devices LT8301 Datasheet HTML 30Page - Analog Devices LT8301 Datasheet HTML 31Page - Analog Devices LT8301 Datasheet HTML 32Page - Analog Devices LT8301 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
Data Sheet
LTC4296-1
REGISTER MAP
analog.com
Rev. 0 | 29 of 46
Table 9. GFLTEV (Register Address 0x02): Global Fault Event Register, Read/Write 1 to Clear, and Indicates Presence of Global Level Faults (Continued)
Bit(s)
Name
Description
0
LOW_CKT_BRK_FAULT
Set if one or more circuit breakers are tripped in the return path or if there is a fault in the deep sleep return path.
Table 10. GFLTMSK (Register Address 0x03): Global Fault Event Mask Register, Read/Write, Provides Mask for the Global Level Fault Events
Bit(s)
Name
Description
[15:4]
Reserved
Reserved for future use.
3
COMMAND_FAULT
If this bit is cleared, the command interrupt is cleared.
2
PEC_FAULT
If this bit is cleared, the PEC interrupt is cleared.
1
MEMORY_FAULT
If this bit is cleared, the memory interrupt is cleared.
0
LOW_CKT_BRK_FAULT
If this bit is cleared, the return path interrupt is cleared.
GLOBAL STATUS
Table 11. GCAP (Register Address 0x06): Global Capability Register, Read Only, Presents Supported Features of the PoDL Standard
Bit(s)
Name
Description
[15:7]
Reserved
Reserved for future use.
6
SCCP_SUPPORT
Set to 1 if the SCCP is supported. Note that the SCCP is not supported by the LTC4296-1 without external microcontroller support.
5
WAKE_FWD_SUPPORT Set to 1 if wake-up forwarding is supported (wake-up forwarding is supported by the LTC4296-1).
[4:0]
NUMPORTS
Number of PSE ports.
Table 12. GIOST (Register Address 0x07): Global Status Register, Read Only, Presents Status of the Inputs and Outputs
Bit(s)
Name
Description
[15:9]
Reserved
Reserved for future use.
8
PG_OUT4
Status of Port 4 power good.
7
PG_OUT3
Status of Port 3 power good.
6
PG_OUT2
Status of Port 2 power good.
5
PG_OUT1
Status of Port 1 power good.
4
PG_OUT0
Status of Port 0 power good.
3
PAD_AUTO
Status of AUTO pin.
2
PAD_WAKEUP
Status of WAKEUP pin as driven by the host.
1
PAD_WAKEUP_DRIVE
Status of WAKEUP pin as driven by the IC.
0
Reserved
Reserved for future use.
GLOBAL COMMAND
Table 13. GCMD (Register Address 0x08): Global Command Register, Read/Write, Entry Point for the Host to Configure the Chip
Bit(s)
Name
Description
[15:8]
SW_RESET
After writing the reset code (0x73) in this field, the digital logic is reset (software reset).
[7:0]
WRITE_PROTECT
After writing the write unlock key (0x05), write access to all writeable registers is enabled.
After writing the write lock key (0xA0), write access to all writeable registers is disabled.
Write access to this field is always enabled.
CONFIGURATION
Table 14. GCFG (Register Address 0x09): Global Configuration Register, Read/Write, Enables the Host to Configure Global Functions
Bit(s)
Name
Description
[15:6]
Reserved
Reserved for future use.
5
MASK_LOWFAULT
Write 1 to prevent ports from entering overload due to low-side faults.
4
TLIM_DISABLE
Write 1 to disable current-limit timers (tLIM) of all ports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com