Electronic Components Datasheet Search
  English  ▼

X  

LPC55S69JBD64 Datasheet(PDF) 103 Page - NXP Semiconductors

Part # LPC55S69JBD64
Description  32-bit Arm Cortex®-M33; M33 coprocessor, TrustZone, PowerQuad, CASPER, 320 KB SRAM; 640 KB flash, USB HS, Flexcomm Interface, SDIO, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC, Comparator,...
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S69JBD64 Datasheet(HTML) 103 Page - NXP Semiconductors

Back Button LPC55S69JBD64 Datasheet HTML 99Page - NXP Semiconductors LPC55S69JBD64 Datasheet HTML 100Page - NXP Semiconductors LPC55S69JBD64 Datasheet HTML 101Page - NXP Semiconductors LPC55S69JBD64 Datasheet HTML 102Page - NXP Semiconductors LPC55S69JBD64 Datasheet HTML 103Page - NXP Semiconductors LPC55S69JBD64 Datasheet HTML 104Page - NXP Semiconductors LPC55S69JBD64 Datasheet HTML 105Page - NXP Semiconductors LPC55S69JBD64 Datasheet HTML 106Page - NXP Semiconductors LPC55S69JBD64 Datasheet HTML 107Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 140 page
background image
LPC55S6x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2022. All rights reserved.
Product data sheet
Rev. 2.4 — 8 December 2022
103 of 138
NXP Semiconductors
LPC55S6x
32-bit ARM Cortex-M33 microcontroller
12. Analog characteristics
12.1 BODVBAT
Brown-out detector to monitor the voltage of VBAT. If the voltage falls below one of the
selected voltages, the BOD asserts an interrupt to the NVIC or issues a reset. Single low
threshold detection level (programmable trip low level) is used for either BOD interrupt or
BOD reset. Hysteresis control on the BOD is programmable. Please refer to UM11126 for
further details.
Table 40. BOD static characteristics
Tamb = 25 C; based on characterization; not tested in production. Please refer to UM11126 for
further details.
Symbol
Parameter
Condition
s
Min
Typ
Max
Unit
Vth
threshold
voltage
(TRIGLVL)
-
1.75
-
V
-
1.80
-
V
-
1.90
-
V
-
2.00
-
V
-
2.10
-
V
-
2.20
-
V
-
2.30
-
V
-
2.40
-
V
-
2.50
-
V
-
2.60
-
V
-
2.70
-
V
-
2.80
-
V
-
2.90
-
V
-
3.00
-
V
-
3.10
-
V
-
3.20
-
V
-
3.30
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com