Electronic Components Datasheet Search
  English  ▼

X  

LP8764-Q1 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # LP8764-Q1
Description  LP8764-Q1 Four-Phase, 20-A Buck Converter With Integrated Switches
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8764-Q1 Datasheet(HTML) 45 Page - Texas Instruments

Back Button LP8764-Q1 Datasheet HTML 41Page - Texas Instruments LP8764-Q1 Datasheet HTML 42Page - Texas Instruments LP8764-Q1 Datasheet HTML 43Page - Texas Instruments LP8764-Q1 Datasheet HTML 44Page - Texas Instruments LP8764-Q1 Datasheet HTML 45Page - Texas Instruments LP8764-Q1 Datasheet HTML 46Page - Texas Instruments LP8764-Q1 Datasheet HTML 47Page - Texas Instruments LP8764-Q1 Datasheet HTML 48Page - Texas Instruments LP8764-Q1 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 307 page
background image
Examples:
• REG_WRITE_BIT_PAGE0_IMM 0x1D 7 0 — Write '0' to bit 7 of the register at address 0x1D
• REG_WRITE_BIT_PAGE0_IMM ADDR=0x10 BIT=3 DATA=1 — Write 0b1 to bit 3 of the register at address
0x10
8.4.2.1.5 REG_WRITE_WIN_PAGE0_IMM Command
Description: Write the specified data to the SHIFT location of the specified page 0 register address
Assembly command: REG_WRITE_WIN_PAGE0_IMM [ADDR=]<Address> [DATA=]<Data> [MASK=]<Mask>
[SHIFT=]<Shift>
Address, Data, Mask, and Shift can be in any literal integer format (decimal, hex, and so forth).
'ADDR=', 'DATA=', 'MASK=', and 'SHIFT=' are optional. When included, the parameters can be in any order.
Examples:
• REG_WRITE_WIN_PAGE0_IMM ADDR=0x1D DATA=0x8 MASK=0x13 SHIFT=2 — Write bits 5:4 to 0b10
to the register at address 0x1D. Data and mask give 5-bit value 0bx10xx. These two bits are then left shifted
2 bit-positions to give full byte value of 0bxx10xxxx, hence sets bits 5:4 to 0b10.
8.4.2.1.6 REG_WRITE_VOUT_IMM Command
Description: Write the target voltage of a specified regulator after a specified delay. This command is a spin-off of
the REG_WRITE_IMM command with the intention to save instruction bits.
Assembly
command:
REG_WRITE_VOUT_IMM
[REGULATOR=]<Regulator
ID>
[SEL=]<VSEL>
[VOUT=]<Vout> [DELAY=]<Delay>
'REGULATOR=', ''SEL=', 'VOUT=', and 'DELAY=' are options. When included, the parameters can be in any
order.
Regulator ID = BUCK1, BUCK2, BUCK3, BUCK4.
VSEL selects the BUCKn_VSET1 or BUCKn_VSET2 bits which the command writes to if Regulator ID is
BUCK1-4. VSEL is defined as: '0': BUCKn_VSET1, '1': BUCKn_VSET2, '2': Currently Active BUCKn_VSET, '3':
Currently Inactive BUCKn_VSET.
VOUT = output voltage in mV or V. Unit must be listed.
DELAY = delay time in ns, µs, ms, or s. If no unit is entered, this field must be an integer value between
0-63, which becomes the threshold count for the counter running a step size specified in the register
PFSM_DELAY_STEP. The delay value is rounded to the nearest achievable delay time based on the current
step size. Current step size is based on the default NVM setting or a SET_DELAY value from a previous
command in the same sequence. Assembler reports an error if the step size is too large or too small to meet the
delay.
Examples:
• REG_WRITE_VOUT_IMM BUCK3 2 1.05 V 100 µs — Sets BUCK3 to 1.05 V by updating the active
BUCK3_VSET register after 100 µs
8.4.2.1.7 REG_WRITE_VCTRL_IMM Command
Description: Write the operation mode of a specified regulator after a specified delay. This command is a spin-off
of the REG_WRITE_IMM command with the intention to save instruction bits.
Assembly command: REG_WRITE_VCTRL_IMM [REGULATOR=]<Regulator ID> [VCTRL=]<VCTRL>
[MASK=]<Mask> [DELAY=]<Delay> [DELAY_MODE=]<Delay Mode>
'REGULATOR=', 'VCTRL=', 'MASK=', and 'DELAY=' are options. When included, the parameters can be in any
order.
Regulator ID = BUCK1, BUCK2, BUCK3, BUCK4.
VCTRL = 0-15, in hex, decimal, or binary format. Data to write to the following regulator control fields:
www.ti.com
LP8764-Q1
SNVSAZ9 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
45
Product Folder Links: LP8764-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com