Electronic Components Datasheet Search
  English  ▼

X  

LP8764-Q1 Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # LP8764-Q1
Description  LP8764-Q1 Four-Phase, 20-A Buck Converter With Integrated Switches
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8764-Q1 Datasheet(HTML) 73 Page - Texas Instruments

Back Button LP8764-Q1 Datasheet HTML 69Page - Texas Instruments LP8764-Q1 Datasheet HTML 70Page - Texas Instruments LP8764-Q1 Datasheet HTML 71Page - Texas Instruments LP8764-Q1 Datasheet HTML 72Page - Texas Instruments LP8764-Q1 Datasheet HTML 73Page - Texas Instruments LP8764-Q1 Datasheet HTML 74Page - Texas Instruments LP8764-Q1 Datasheet HTML 75Page - Texas Instruments LP8764-Q1 Datasheet HTML 76Page - Texas Instruments LP8764-Q1 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 307 page
background image
BUCKx VOUT
OV limit
UV limit
Ramp time
Vout/SR
OV/UV test 1 & 2:
25µs + 25µs
BUCKx_VMON_EN
Settling time
BUCKx_EN
buckx_ov_gating
buckx_uv_gating
Total time: tPG_UV_GATE
Start-up delay
50µs
tPG_OV_GATE
Figure 8-19. Timing of BUCK Regulator UV/OV Self-Test
The voltage monitors of unused BUCK regulators can be used for external supply rails monitoring. In three-
phase configuration, the Voltage Monitor of BUCK3 (on FB_B3 pin) becomes a free available resource for
monitoring an external supply voltage. In four-phase configuration, the Voltage Monitor of both BUCK3 (on
FB_B3 pin) and BUCK4 (on FB_B4 pin) become free available resources for monitoring two external supply
voltages.. The target output voltage is set by the corresponding BUCKn_VSET1, BUCKn_VSET2 registers, and
the deviation from the target output voltage set (the voltage window) by the corresponding BUCKn_UV_THR,
BUCKn_OV_THR registers. Following aspects need to be taken into account if Voltage Monitors of unused
BUCK regulators are used for monitoring external supply rails:
• For voltage monitors of unused BUCK : the maximum nominal supply voltage of the monitored supply rail is
3.3V
• For voltage monitors of unused BUCK regulators and for voltage monitors of BUCK3 and/or BUCK4
regulators if used in a three-phase or four-phase configuration: the configured values for the BUCKn_VSET
and the BUCKn_SLEW_RATE determine the delay-time for the voltage monitoring to become active after
the corresponding BUCKn_VMON_EN bit is set. See equation (2) in Section 8.5.1.5. If BUCK3 and/or
BUCK4 regulators are used in a three-phase or four-phase configuration: even though the values for the
BUCK1_VSET and BUCK1_SLEW_RATE bits determine the output voltage and slew-rate of the three-phase
or four-phase output rail, the values for BUCK3_VSET respectively BUCK4_VSET and BUCK3_SLEW_RATE
respectively BUCK4_SLEW_RATE bits determine the power-good level and the voltage monitoring delay
time for the BUCK3 respectively BUCK4 Voltage Monitors.
www.ti.com
LP8764-Q1
SNVSAZ9 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
73
Product Folder Links: LP8764-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com