Electronic Components Datasheet Search
  English  ▼

X  

LP8764-Q1 Datasheet(PDF) 95 Page - Texas Instruments

Click here to check the latest version.
Part # LP8764-Q1
Description  LP8764-Q1 Four-Phase, 20-A Buck Converter With Integrated Switches
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8764-Q1 Datasheet(HTML) 95 Page - Texas Instruments

Back Button LP8764-Q1 Datasheet HTML 91Page - Texas Instruments LP8764-Q1 Datasheet HTML 92Page - Texas Instruments LP8764-Q1 Datasheet HTML 93Page - Texas Instruments LP8764-Q1 Datasheet HTML 94Page - Texas Instruments LP8764-Q1 Datasheet HTML 95Page - Texas Instruments LP8764-Q1 Datasheet HTML 96Page - Texas Instruments LP8764-Q1 Datasheet HTML 97Page - Texas Instruments LP8764-Q1 Datasheet HTML 98Page - Texas Instruments LP8764-Q1 Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 307 page
background image
Secondary PMIC
Secondary PMIC
µProcessor
&
System
on
Chip
Primary PMIC
SDATA
ENABLE
VIO
PGOOD
PGOOD
SDATA
Power
Sequencer
nINT
SCLK
nSLEEPx
nERR_MCU
WAKEn
Power
Sequencer
SCLK
GPIO
Q&A
WDOG
I2C1_SCL
I2C1_SDA
I2C2_SCL
I2C2_SDA
I2C_SCL
I2C_SDA
PGOOD
SDATA
Power
Sequencer
nINT
SCLK
I2C_SCL
I2C_SDA
nINT
nRSTOUTx
Interrupt
Handler
Power Good
Monitor
Figure 8-37. multi-PMIC Pin Connections
The power sequencer of the multiple PMICs are synchronized at the beginning of each power up and power
down sequence; a variation in the sequence timing, however, is still possible due to the ±5% clock accuracy of
the independent system clocks on the primary and secondary PMICs. The worst-case sequence timing variation
from different PMIC rails is up to ±10% of the target delay time. Figure 8-38 illustrates the creation of this timing
variation between PMICs.
www.ti.com
LP8764-Q1
SNVSAZ9 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
95
Product Folder Links: LP8764-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com