Electronic Components Datasheet Search
  English  ▼

X  

LP8764-Q1 Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # LP8764-Q1
Description  LP8764-Q1 Four-Phase, 20-A Buck Converter With Integrated Switches
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8764-Q1 Datasheet(HTML) 48 Page - Texas Instruments

Back Button LP8764-Q1 Datasheet HTML 44Page - Texas Instruments LP8764-Q1 Datasheet HTML 45Page - Texas Instruments LP8764-Q1 Datasheet HTML 46Page - Texas Instruments LP8764-Q1 Datasheet HTML 47Page - Texas Instruments LP8764-Q1 Datasheet HTML 48Page - Texas Instruments LP8764-Q1 Datasheet HTML 49Page - Texas Instruments LP8764-Q1 Datasheet HTML 50Page - Texas Instruments LP8764-Q1 Datasheet HTML 51Page - Texas Instruments LP8764-Q1 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 307 page
background image
8.4.2.1.12 DELAY_IMM Command
Description: Delay the execution by a specified time
Assembly command: DELAY_IMM <Delay>
Delay = delay time in ns, µs, ms, or s. If no unit is entered, this field must be an integer value between 0-63.
Delay value is be rounded to the nearest achievable time based on the current step size. Current step size is
based on the default NVM setting or a SET_DELAY value from a previous command in the same sequence.
Assembler reports an error if the step size is too large or too small to meet the delay.
Examples:
• DELAY_IMM 100 µs — Delay execution by 100 µs
• DELAY_IMM 10 ms — Delay execution by 10 ms
• DELAY_IMM 8 — Delay execution by 8 ticks of the current PFSM time step
8.4.2.1.13 DELAY_SREG Command
Description: Delay the execution by a time value stored in the specified scratch register.
Assembly command: DELAY_SREG <Register>
Register can be R0, R1, R2, or R3.
Examples:
• DELAY_SREG R0 — Delay execution by the time value stored in scratch register0
8.4.2.1.14 TRIG_SET Command
Description: Set a trigger destination address for a given input signal or condition. These commands must be
defined at the beginning of PFSM configuration memory.
Assembly
command:
TRIG_SET
[DEST=]<Destination>
[ID=]<Trig_ID>
[SEL=]<Trig_sel>
[TYPE=]<Trig_type> [IMM=]<IMM> [EXT=]<Memory space>
'DEST=', 'ID=', 'SEL='. 'TYPE=', 'IMM=', and 'EXT=' are options. When included, the parameters can be in any
order.
Destination is the label where this trigger starts executing.
Trig_ID is the ID of the hardware trigger module to be configured (value range 0-27). They must be defined in
numeric order based on the priority of the trigger.
Trig_Sel is the 'Trigger Name' from the Table 8-5. This 'Trigger Name' is the trigger signal to be associated with
the specified TRIG_ID.
Trig_type = LOW, HIGH, RISE, or FALL.
IMM can be either '0' or '1'. = '0' if the trigger is not activated until the END command of a given task; '1' if the
trigger is activated immediately and can abort a sequence.
REENTRANT can be either '0' or '1'. '1' permits a trigger to return to the current state, that allows a self-
branching trigger to execute the current sequence again.
Memory space can be either '0' or '1'. '0' indicates the destination address is in the PFSM memory space. '1'
indicates the destination address is external and represents a FSM state ID.
Examples:
• TRIG_SET seq1 20 GPIO_1 LOW 0 0 — Set trigger 20 to be GPIO_1=Low, not immediate. When triggered,
start executing at ‘seq1’ label.
• TRIG_SET DEST=seq2 ID=15 SEL=WD_ERROR TYPE=RISE IMM=0 EXT=0 — Set trigger 15 to be rising
WD_ERROR trigger, not immediate. When triggered, start executing at ‘seq2’ label.
LP8764-Q1
SNVSAZ9 – MARCH 2022
www.ti.com
48
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LP8764-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com