Electronic Components Datasheet Search
  English  ▼

X  

LP8764-Q1 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LP8764-Q1
Description  LP8764-Q1 Four-Phase, 20-A Buck Converter With Integrated Switches
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8764-Q1 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LP8764-Q1 Datasheet HTML 17Page - Texas Instruments LP8764-Q1 Datasheet HTML 18Page - Texas Instruments LP8764-Q1 Datasheet HTML 19Page - Texas Instruments LP8764-Q1 Datasheet HTML 20Page - Texas Instruments LP8764-Q1 Datasheet HTML 21Page - Texas Instruments LP8764-Q1 Datasheet HTML 22Page - Texas Instruments LP8764-Q1 Datasheet HTML 23Page - Texas Instruments LP8764-Q1 Datasheet HTML 24Page - Texas Instruments LP8764-Q1 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 307 page
background image
6.6 BUCK1, BUCK2, BUCK3, and BUCK4 Regulators (continued)
Over operating free-air temperature range (unless otherwise noted). Voltage level refers to the AGNDx ground of the device.
POS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
3.79a
COUT-Local_Bx Output capacitance, local(2)
Per phase
10
22
µF
3.79b
COUT-
TOTAL_Bx
Output capacitance, total (local
and POL)(2)
Per phase
100
1000
µF
3.80a
LBx
Power inductor
Inductance
329
470
611
nH
3.80b
DCR
10
mΩ
3.81
IQ_PWM
PWM mode Quiescent current
IOUT_Bx = 0 mA
13
mA
3.165a
VOUT_DC_Bx
DC output voltage accuracy,
includes voltage reference, DC
load and line regulations and
temperature
VVOUT_Bx < 1 V, PWM mode
–10
10
mV
3.165b
VVOUT_Bx ≥ 1 V, PWM mode
–1%
1%
3.165c
VVOUT_Bx < 1 V, PFM mode
–20
25
mV
3.165d
VVOUT_Bx ≥ 1 V, PFM mode
-1% -
10 mV
1% +
15 mV
3.83a
TLDSR_MP
Transient load step response(8)
0.3 V ≤ VVOUT_Bx < 0.6 V, IOUT_Bx = 1 mA
to 400 mA / phase, tr = tf = 1 µs, PWM
mode
5
mV
3.83b
0.6 V ≤ VVOUT_Bx < 1.5 V, IOUT_Bx = 1 mA
to 2 A / phase, tr = tf = 1 µs, PWM mode
15
mV
3.83c
1.5 V ≤ VVOUT_Bx ≤ 1.9 V, IOUT_Bx = 1 mA
to 2 A / phase, tr = tf = 1 µs, PWM mode
1%
3.84
TLNSR
Transient line response
VPVIN_Bx stepping from 3 V to 3.5 V, tr = tf
= 10 µs, IOUT_Bx = IOUT_Bx(max)
-20
±5
20
mV
3.85a
VOUT_Ripple
Ripple voltage(8)
PWM mode, 1-phase
3
5 mVPP
3.85b
PFM mode
15
25 mVPP
3.132
IPFM-PWM
PFM to PWM switch current
threshold(6)
Auto mode, VPVIN_Bx = 3.3 V, VVOUT_Bx =
1.0V
500
mA
3.133
IPWM-PFM
PWM to PFM switch current
threshold(6)
Auto mode, VPVIN_Bx = 3.3 V, VVOUT_Bx =
1.0V
440
mA
3.134
IPWM-
PFM_HYST
PWM to PFM switch current
hysteresis
Auto mode, VPVIN_Bx = 3.3 V, VVOUT_Bx =
1.0V
60
mA
Electrical Characteristics - 2.2MHz Single-Phase Generic Configuration
3.86
VPVIN_Bx
Input voltage range
2.8
3.3
5.5
V
3.87
VVOUT_Bx
Output voltage programmable
range
0.3
3.34
V
3.88
CIN_Bx
Input filtering capacitance(1) (2)
3
22
µF
3.89a
COUT-Local_Bx Output capacitance, local(2)
10
22
µF
3.89b
COUT-
TOTAL_Bx
Output capacitance, total (local
and POL)(2)
100
500
µF
3.90a
LBx
Power inductor
Inductance
700
1000
1300
nH
3.90b
DCR
10
mΩ
3.91
IQ_PWM
PWM mode Quiescent current
IOUT_Bx = 0 mA
13
mA
3.166a
VOUT_DC_Bx
DC output voltage accuracy,
includes voltage reference, DC
load and line regulations and
temperature
VVOUT_Bx < 1 V, PWM mode
–10
10
mV
3.166b
VVOUT_Bx ≥ 1 V, PWM mode
–1%
1%
3.166c
VVOUT_Bx < 1 V, PFM mode
–20
25
mV
3.166d
VVOUT_Bx ≥ 1 V, PFM mode
-1% -
10 mV
1% +
15 mV
www.ti.com
LP8764-Q1
SNVSAZ9 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: LP8764-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com