Electronic Components Datasheet Search
  English  ▼

X  

LP8764-Q1 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LP8764-Q1
Description  LP8764-Q1 Four-Phase, 20-A Buck Converter With Integrated Switches
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8764-Q1 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LP8764-Q1 Datasheet HTML 19Page - Texas Instruments LP8764-Q1 Datasheet HTML 20Page - Texas Instruments LP8764-Q1 Datasheet HTML 21Page - Texas Instruments LP8764-Q1 Datasheet HTML 22Page - Texas Instruments LP8764-Q1 Datasheet HTML 23Page - Texas Instruments LP8764-Q1 Datasheet HTML 24Page - Texas Instruments LP8764-Q1 Datasheet HTML 25Page - Texas Instruments LP8764-Q1 Datasheet HTML 26Page - Texas Instruments LP8764-Q1 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 307 page
background image
(7)
A high slew-rate setting can generate over and undershoot during voltage change. See Application Section for more information.
(8)
Please refer to the applications section of the datasheet regarding the power delivery network (PDN) used for the transient load step
and output ripple test conditions. All ripple specs are defined across POL capacitor in the described PDN.
(9)
Slew-rate is measured from 10% to 90% of the voltage ramp with voltage step ≥ 500 mV.
(10) Voltage ramp is calculated using slew-rate from minimum column.
6.7 Reference Generator (REFOUT)
Over operating free-air temperature range (unless otherwise noted). Voltage level refers to the AGNDx ground of the device.
POS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
Electrical Characteristics
4.1
Max capacitance for REFOUT signal Capacitance between REFOUT signal and ground
100
pF
4.2
Output voltage
Measured at the REFOUT signal
1.17
1.2
1.23
V
Timing Requirements
4.4
tSU_REF
Start-up time
From REFOUT_EN=1 to the time REFOUT voltage
settles
30
µs
6.8 Monitoring Functions
Over operating free-air temperature range (unless otherwise noted). Voltage level refers to the AGNDx ground of the device.
POS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
Electrical Characteristics: BUCK REGULATORS OUTPUT, VMONx INPUT
5.1a
VBUCK_OV_TH ,
VVMON_OV_TH
Overvoltage monitoring for
buck output and VMONx pin
input, programable threshold
accuracy, VOUT_Bx / VVMONx >
1 V(1)
BUCKn_OV_THR / VMONn_OV_THR = 0x0,
VMONn_RANGE_SEL = 0
2%
3%
4%
5.1b
BUCKn_OV_THR / VMONn_OV_THR = 0x1,
VMONn_RANGE_SEL = 0
2.5%
3.5%
4.5%
5.1c
BUCKn_OV_THR / VMONn_OV_THR = 0x2,
VMONn_RANGE_SEL = 0
3%
4%
5%
5.1d
BUCKn_OV_THR / VMONn_OV_THR = 0x3,
VMONn_RANGE_SEL = 0
4%
5%
6%
5.1e
BUCKn_OV_THR / VMONn_OV_THR = 0x4,
VMONn_RANGE_SEL = 0
5%
6%
7%
5.1f
BUCKn_OV_THR / VMONn_OV_THR = 0x5,
VMONn_RANGE_SEL = 0
6%
7%
8%
5.1g
BUCKn_OV_THR / VMONn_OV_THR = 0x6,
VMONn_RANGE_SEL = 0
7%
8%
9%
5.1h
BUCKn_OV_THR / VMONn_OV_THR = 0x7,
VMONn_RANGE_SEL = 0
9%
10%
11%
5.2a
VBUCK_OV_TH_
mv ,
VVMON_OV_TH_
mv
Overvoltage monitoring for
buck output and VMONx pin
input, programable threshold
accuracy, VOUT_Bx / VVMONx ≤
1 V(1)
BUCKn_OV_THR / VMONn_OV_THR = 0x0,
VMONn_RANGE_SEL = 0
20
30
40
mV
5.2b
BUCKn_OV_THR / VMONn_OV_THR = 0x1,
VMONn_RANGE_SEL = 0
25
35
45
5.2c
BUCKn_OV_THR / VMONn_OV_THR = 0x2,
VMONn_RANGE_SEL = 0
30
40
50
5.2d
BUCKn_OV_THR / VMONn_OV_THR = 0x3,
VMONn_RANGE_SEL = 0
40
50
60
5.2e
BUCKn_OV_THR / VMONn_OV_THR = 0x4,
VMONn_RANGE_SEL = 0
50
60
70
5.2f
BUCKn_OV_THR / VMONn_OV_THR = 0x5,
VMONn_RANGE_SEL = 0
60
70
80
5.2g
BUCKn_OV_THR / VMONn_OV_THR = 0x6,
VMONn_RANGE_SEL = 0
70
80
90
5.2h
BUCKn_OV_THR / VMONn_OV_THR = 0x7,
VMONn_RANGE_SEL = 0
90
100
110
www.ti.com
LP8764-Q1
SNVSAZ9 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: LP8764-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com