Electronic Components Datasheet Search
  English  ▼

X  

LP8764-Q1 Datasheet(PDF) 70 Page - Texas Instruments

Click here to check the latest version.
Part # LP8764-Q1
Description  LP8764-Q1 Four-Phase, 20-A Buck Converter With Integrated Switches
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8764-Q1 Datasheet(HTML) 70 Page - Texas Instruments

Back Button LP8764-Q1 Datasheet HTML 66Page - Texas Instruments LP8764-Q1 Datasheet HTML 67Page - Texas Instruments LP8764-Q1 Datasheet HTML 68Page - Texas Instruments LP8764-Q1 Datasheet HTML 69Page - Texas Instruments LP8764-Q1 Datasheet HTML 70Page - Texas Instruments LP8764-Q1 Datasheet HTML 71Page - Texas Instruments LP8764-Q1 Datasheet HTML 72Page - Texas Instruments LP8764-Q1 Datasheet HTML 73Page - Texas Instruments LP8764-Q1 Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 307 page
background image
Figure 8-16. Residual Voltage Check Timing Diagram
Note
Unless mentioned otherwise in the User's Guide for the orderable part number, the residual voltage
monitoring is enabled .once, immediately after a power-up event on the VCCA input supply pin. Before
the LP8764-Q1 executes the start-up sequence of the BUCK regulators, the LP8764-Q1 disables all
residual voltage monitors. TI has made this implementation to prevent false-positive residual-voltage
detection caused by charge accumulation in the output capacitors of the BUCK regulators or at the
output voltage rails monitored through VMON_1 (at GPIO7 pin) or VMON_2 (at GPIO8 pin).
8.7 Output Voltage Monitor and PGOOD Generation
The LP8764-Q1 device monitors the undervoltage (UV) and overvoltage (OV) conditions on the output voltages
of the BUCK regulators, the UV and OV conditions on the VMONn voltage monitoring input pins , and VCCA
(when it is expected to be 5 V or 3.3 V), and has the option to indicate the result with a PGOOD signal.
Thermal warning can also be included in the result of the PGOOD monitor if it is not masked. Either voltage and
current monitoring or only voltage monitoring can be selected for PGOOD indication. This selection is set by the
PGOOD_SEL_BUCKn register bits for each BUCK regulator (select primary phase for multi-phase regulator).
When voltage and current are monitored, an active PGOOD signal active indicates that the regulator output
is inside the Power-Good voltage window and that load current is below the current limit. If only voltage is
monitored, then the current monitoring is ignored for the PGOOD signal.
The PGOOD signal represents the momentary status of the included indications without latching. If the PGOOD
signal goes low due to an indicated warning or error condition, the PGOOD signal goes high immediately when
the previous indicated warning or error condition is no longer present.
The BUCKn_VMON_EN bit enables the overvoltage (OV) , undervoltage (UV) and short-circuit (SC)
comparators. The current limit (ILIM) comparator of each BUCK regulator is activated as soon as the
corresponding BUCK regulator is enabled. In order to add the current limit indication of a BUCK regulator to
the PGOOD signal, the BUCKn_VMON_EN bit of the corresponding BUCK regulator must be set. When a
BUCK is not needed as a regulated output, it can be used as a voltage monitor for an external rail. For BUCK
converters, if the BUCKn_VMON_EN bit remains '1' while the BUCKn_EN bit is '0', it can be used as a voltage
monitor for an external rail that is connected to the FB_Bn pin of the BUCK regulator.
When the voltage monitor for a BUCK regulator is disabled, the output of the corresponding monitor is
automatically masked to prevent it from forcing PGOOD inactive. The masking allows PGOOD to be connected
to other open-drain power good signals in the system.
LP8764-Q1
SNVSAZ9 – MARCH 2022
www.ti.com
70
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LP8764-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com