Electronic Components Datasheet Search
  English  ▼

X  

LP8764-Q1 Datasheet(PDF) 98 Page - Texas Instruments

Click here to check the latest version.
Part # LP8764-Q1
Description  LP8764-Q1 Four-Phase, 20-A Buck Converter With Integrated Switches
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8764-Q1 Datasheet(HTML) 98 Page - Texas Instruments

Back Button LP8764-Q1 Datasheet HTML 94Page - Texas Instruments LP8764-Q1 Datasheet HTML 95Page - Texas Instruments LP8764-Q1 Datasheet HTML 96Page - Texas Instruments LP8764-Q1 Datasheet HTML 97Page - Texas Instruments LP8764-Q1 Datasheet HTML 98Page - Texas Instruments LP8764-Q1 Datasheet HTML 99Page - Texas Instruments LP8764-Q1 Datasheet HTML 100Page - Texas Instruments LP8764-Q1 Datasheet HTML 101Page - Texas Instruments LP8764-Q1 Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 307 page
background image
8.12.2.1 Operation with Transmission Errors
If the receiving device detects a parity or CRC error in the incoming sequence it responds with negative ACK/
NACK per SPMI standard.
If the transmitting device sees NACK response, it tries to resend the message as many times as indicated
by SPMI_RETRY_LIMIT register bits. After that it considers the SPMI bus inoperable, sets SPMI_ERR_INT
interrupt and goes to the safe recovery state and executes an orderly shutdown. Bus arbitration requests do not
count as failed attempts if a target device loses bus arbitration. SPMI_RETRY_LIMIT counter is reset after each
successful transmission by the device.
If a target device has determined that SPMI does not work reliably it does not respond to any SPMI commands
anymore until power-on-reset event has occurred. This "no-response" behavior is to prevent continued operation
in a situation where SPMI is unreliable. If a target device does no longer respond to any SPMI command, the
controller device on the SPMI bus detects a missing target device on the network during the periodic testing of
SPMI bus. The target device then internally handles the SPMI error condition per error handling rules set for the
device (in general executing an orderly shutdown). SPMI block signals to the device that SPMI bus error has
occurred after the retry limit has been exceeded.
8.12.2.2 Transmitted Information
The SPMI bus is used to carry two types of information:
• PFSM Trigger ID between the SPMI controller and target devices
• TID from SPMI target devices to SPMI controller device
The SPMI controller device reads the TID of the target devices periodically to check the health of the interface.
Exchanging Trigger IDs for the power state transition is sufficient to keep the PFSMs of all the devices on the
SPMI network in synchronization. Device interrupts explain reason for the power state transitions.
8.12.3 SPMI Target Device Communication to SPMI Controller Device
An SPMI target device communicates to the SPMI controller device and any other SPMI target devices, only
if there is an internal error that is not SPMI related. The target device initiates the error communication using
Arbitration Request with A-bit as defined in the SPMI 2.0 specification. SPMI 2.0 protocol manages the situation
with multiple target devices requesting error communication at the same time, by using the target arbitration
process as described in SPMI 2.0 specification. Once the SPMI target device wins the arbitration using the A-bit
protocol, it performs an Extended Register Write command to Group Target ID (GTID) address 1111 by using the
protocol described in Section 8.12.2 for communicating PFSM trigger ID.
8.12.3.1 Incomplete Communication from SPMI Target Device to SPMI Controller Device
In case the SPMI controller device detects an arbitration request on the SPMI interface, but the received
sequence has an error or is incomplete, the SPMI controller device immediately performs the SPMI Built-In
Self-Test (SPMI-BIST). If this SPMI-BIST fails, the SPMI controller device executes the error handling for the
SPMI error. If the SPMI-BIST passes successfully, the SPMI controller device resumes normal operation.
8.12.4 SPMI-BIST Overview
The SPMI-BIST is performed during BIST state and regularly during runtime operation. Figure 8-40 below
illustrates how the SPMI-BIST operates during device power-up.
LP8764-Q1
SNVSAZ9 – MARCH 2022
www.ti.com
98
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LP8764-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com