Electronic Components Datasheet Search
  English  ▼

X  

F0502 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # F0502
Description  Sampling IF Receiver 600MHz to 1000MHz
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0502 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button F0502 Datasheet HTML 25Page - Renesas Technology Corp F0502 Datasheet HTML 26Page - Renesas Technology Corp F0502 Datasheet HTML 27Page - Renesas Technology Corp F0502 Datasheet HTML 28Page - Renesas Technology Corp F0502 Datasheet HTML 29Page - Renesas Technology Corp F0502 Datasheet HTML 30Page - Renesas Technology Corp F0502 Datasheet HTML 31Page - Renesas Technology Corp F0502 Datasheet HTML 32Page - Renesas Technology Corp F0502 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
Sampling IF Receiver 600MHz to
1000MHz
F0502
Datasheet
FlatNoiseTM, Zero-DistortionTM, SIF Rx
29
February 8, 2022
PIN DESCRIPTION
Pin
Name
Function
1, 3, 15, 17,
25, 38, 40, 46,
61
VCC
Power Supply. Bypass to GND with capacitors shown in the
Typical Application Circuit as close as possible to pin.
2, 4, 6, 12, 14,
16, 27, 37, 39,
42, 43, 48, 56,
59
GND
Ground these pins. These pins are internally tied to the exposed
paddle.
5
RFIN_A
Main Channel RF Input. Internally matched to 50Ω. DO NOT
apply DC to this pin,
7, 11, 24, 30,
31, 32, 34, 49,
52, 54, 55, 62
NC
No Connection. Not internally connected. OK to connect to VCC,
or GND
8
TDD_A
Standby control for Channel A. Includes an internal pull-up
resistor so leave as NC for Standby mode. Set this pin to low or
GND for normal operation.
9
LCmode
Low_Current Mode. Includes an internal pull-up resistor so leave
as NC for LC mode. Set this pin to low or GND for STD mode.
10
TDD_B
Standby control for Channel B. Includes an internal pull-up
resistor so leave as NC for Standby mode. Set this pin to low or
GND for normal operation.
13
RFIN_B
Diversity Channel RF Input. Internally mat
ched to 50Ω. DO NOT
apply DC to this pin,
18
B5
Parallel Gain Control Input - MSB
19
B4
Parallel Gain Control Input
20
B3
Parallel Gain Control Input
21
B2
Parallel Gain Control Input
22
B1
Parallel Gain Control Input
23
B0
Parallel Gain Control Input – LSB (1 dB step)
26
ISET_B
ChB VGA Icc set: Recommended resistor value = 3.48k
Ω
28
IFOUT_B+
Channel B Differential Output +. Pull up to Vcc through an
inductor
29
IFOUT_B-
Channel B Differential Output -. Pull up to Vcc through an
inductor
33
MX_IF_BiasB
Connect the specified resistor for either Standard mode (40.2
Ω)
or LC mode (62
Ω) from this pin to ground to set the bias for the
Diversity IF amplifier. This is NOT a current set resistor.
35
MX_IFB+
Diversity Mixer Differential IF (+) Output. Connect a pullup
inductor from this pin to VCC.
36
MX_IFB-
Diversity Mixer Differential IF (-) Output. Connect a pullup
inductor from this pin to VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com