Electronic Components Datasheet Search
  English  ▼

X  

F0502 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # F0502
Description  Sampling IF Receiver 600MHz to 1000MHz
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0502 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button F0502 Datasheet HTML 2Page - Renesas Technology Corp F0502 Datasheet HTML 3Page - Renesas Technology Corp F0502 Datasheet HTML 4Page - Renesas Technology Corp F0502 Datasheet HTML 5Page - Renesas Technology Corp F0502 Datasheet HTML 6Page - Renesas Technology Corp F0502 Datasheet HTML 7Page - Renesas Technology Corp F0502 Datasheet HTML 8Page - Renesas Technology Corp F0502 Datasheet HTML 9Page - Renesas Technology Corp F0502 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
Sampling IF Receiver 600MHz to
1000MHz
F0502
Datasheet
FlatNoiseTM, Zero-DistortionTM, SIF Rx
6
February 8,2022
F0502 SPECIFICATION
F0502 Typical Application Circuit, when operated as a Sampling IF Receiver, VCC = +5.00V, TC = +25°C, FRF =
850MHz, FIF = 184MHz, FLO = 1034MHz, PLO = 0 dBm, Max gain setting, IF output power = +3dBm per tone, TDD_ =
LOW, STD Mode, unless otherwise stated. EVkit PCB, connector and IF transformer losses are de-embedded unless
otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Logic Input High
VIH
For all control pins
1.07
V
Logic Input Low
VIL
For all control pins
0.68
V
Logic Current
IIH, IIL
For all control pins
-150
10
μA
Total Supply Current
Icc
STD Mode
480
5451
mA
LC Mode
390
440
Standby Mode
STBY = VIH
26
36
Conversion Power Gain
G
STD Mode
26.2
28.2
30.2
dB
LC Mode
26.2
28.2
30.2
STD Mode Max attenuation
-18.8
Gain Control Range
GRANGE
47
dB
Step Size
GSTEP
1
dB
Differential Gain Error
DNL
Between any two adjacent
1dB steps
0.1
0.2
2
dB
Integral Gain Error
INL
Error vs. line (G27 Ref)
0.2
0.8
dB
Phase Error
IPE
Maximum phase change
between GMAX and any state
down to G-14
2
deg
Noise Figure
NF
STD Mode
9.6
10.6
dB
STD Mode at GMAX – 10dB
9.6
10.6
LC Mode
9.3
10.3
LC Mode at GMAX – 10dB
9.3
10.3
Noise Figure with Blocker
NFBLK
Desired RF = 800MHz
Blocker = 700MHz
LO = 984MHz
PIN = +4dBm
Gain = -1dB
17.5
19
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com