Electronic Components Datasheet Search
  English  ▼

X  

F0502 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # F0502
Description  Sampling IF Receiver 600MHz to 1000MHz
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0502 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button F0502 Datasheet HTML 5Page - Renesas Technology Corp F0502 Datasheet HTML 6Page - Renesas Technology Corp F0502 Datasheet HTML 7Page - Renesas Technology Corp F0502 Datasheet HTML 8Page - Renesas Technology Corp F0502 Datasheet HTML 9Page - Renesas Technology Corp F0502 Datasheet HTML 10Page - Renesas Technology Corp F0502 Datasheet HTML 11Page - Renesas Technology Corp F0502 Datasheet HTML 12Page - Renesas Technology Corp F0502 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
Sampling IF Receiver 600MHz to
1000MHz
F0502
Datasheet
FlatNoiseTM, Zero-DistortionTM, SIF Rx
9
February 8, 2022
TYPICAL OPERATING CONDITIONS (184 MHZ IF CENTER)
Unless otherwise noted, the following conditions apply:
•
Applications circuit for 100
 differential load with 184MHz +/- 40MHz BW into 2:1 transformer. See
schematic in BOM section.
•
Pout ~ +3dBm
•
Measurement on Channel A
•
PIN from -27dBm to -5dBm per tone (Gain Setting Adjusted to yield Pout ~ +3dBm)
•
Tone Spacing = 800KHz
•
Device configured in Standard Mode with High Side Injection
•
TCASE = 25C, VCC = 5.00V, LO Power = 0dBm
•
RF Frequency: 915MHz
•
IF Frequency: 184MHz
•
IF Transformer losses are de-embedded
•
Input RF trace and connector losses are de-embedded
•
Listed Temperatures are Case Temperature (TC = Case Temperature)
• Where noted, T
A
or TAMB = Ambient Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com