Electronic Components Datasheet Search
  English  ▼

X  

F0502 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # F0502
Description  Sampling IF Receiver 600MHz to 1000MHz
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0502 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button F0502 Datasheet HTML 4Page - Renesas Technology Corp F0502 Datasheet HTML 5Page - Renesas Technology Corp F0502 Datasheet HTML 6Page - Renesas Technology Corp F0502 Datasheet HTML 7Page - Renesas Technology Corp F0502 Datasheet HTML 8Page - Renesas Technology Corp F0502 Datasheet HTML 9Page - Renesas Technology Corp F0502 Datasheet HTML 10Page - Renesas Technology Corp F0502 Datasheet HTML 11Page - Renesas Technology Corp F0502 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
Sampling IF Receiver 600MHz to
1000MHz
F0502
Datasheet
FlatNoiseTM, Zero-DistortionTM, SIF Rx
8
February 8,2022
F0502 SPECIFICATION (CONTINUED)
F0502 Typical Application Circuit, when operated as a Sampling IF Receiver, VCC = +5.00V, TC = +25°C, FRF =
850MHz, FIF = 184MHz, FLO = 1034MHz, PLO = 0 dBm, Max gain setting, IF output power = +3dBm per tone, TDD_ =
LOW, STD Mode, unless otherwise stated. EVkit PCB, connector and IF transformer losses are de-embedded unless
otherwise noted.
1 – Items in min/max columns in bold italics are Guaranteed by Test using BOM1 components supporting 4:1
output impedance transformation to 50
Ω
2 – Items in min/max columns that are not bold/italics are Guaranteed by Design Characterization using BOM2
components supporting 2:1 output impedance transformation to 100
Parameter
Symbol
Conditions
Min
Typ
Max
Units
2LO – 2RF Rejection
STD Mode
Frequency = FRF + ½ FIF
PRF = -27dBm
-75
-65
dBc
STD Mode, Gain = GMAX – 22dB,
Frequency = FRF + ½ FIF
PRF = -5dBm
-69
-60
LC Mode
Frequency = FRF + ½ FIF
PRF = -27dBm
-73
-60
LC Mode, Gain = GMAX – 22dB,
Frequency = FRF + ½ FIF
PRF = -27dBm
-69
-60
2nd Harmonic
HD2
PRF = -27 dBm
STD Mode
-81
-70
dBc
LC Mode
-80
-70
3rd Harmonic
HD3
PRF = -27 dBm
STD Mode
-94
-80
dBc
LC Mode
-94
-80
Channel Isolation
ISOC
RFIN_A applied,
IFOUT_A
compared with
IFOUT_B
STD Mode
45
50
dB
LC Mode
45
50
LO to IF Leakage
ISOLI
STD Mode
-60
-55
dBm
LC Mode
-60
-55
RF to IF leakage
ISORI
STD Mode
-80
-70
dBm
LC Mode
-80
-70
LO to RF leakage
ISOLR
-44
dBm
RFIN Impedance
ZRFIN
Single Ended
50
Ω
LO Port Impedance
ZLO
Single Ended
50
IF Output Impedance
ZIF
Differential
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com