Electronic Components Datasheet Search
  English  ▼

X  

F0502 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # F0502
Description  Sampling IF Receiver 600MHz to 1000MHz
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0502 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button F0502 Datasheet HTML 6Page - Renesas Technology Corp F0502 Datasheet HTML 7Page - Renesas Technology Corp F0502 Datasheet HTML 8Page - Renesas Technology Corp F0502 Datasheet HTML 9Page - Renesas Technology Corp F0502 Datasheet HTML 10Page - Renesas Technology Corp F0502 Datasheet HTML 11Page - Renesas Technology Corp F0502 Datasheet HTML 12Page - Renesas Technology Corp F0502 Datasheet HTML 13Page - Renesas Technology Corp F0502 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
Sampling IF Receiver 600MHz to
1000MHz
F0502
Datasheet
FlatNoiseTM, Zero-DistortionTM, SIF Rx
10
February 8, 2022
TOCS [MAX GAIN, STD MODE, IF = 184MHZ +/- 40MHZ] GAIN, OIP3, OIP2 (-1-)
RF Gain vs. TCASE [low side inj.]
Output IP3 vs. TCASE [low side inj.]
Output IP2 vs. TCASE [low side inj.]
RF Gain vs. TCASE [high side inj.]
Output IP3 vs. TCASE [high side inj.]
Output IP2 vs. TCASE [high side inj.]
23
24
25
26
27
28
29
30
31
32
33
144
184
224
144
184
224
144
184
224
144
184
224
0.7 GHz
0.8 GHz
0.9 GHz
1.0 GHz
-40degC / Ch A LS Inj
-40degC / Ch B LS Inj
25degC / Ch A LS Inj
25degC / Ch B LS Inj
105degC / Ch A LS Inj
105degC / Ch B LS Inj
RF Freq / IF Freq
24
28
32
36
40
44
48
52
56
144
184
224
144
184
224
144
184
224
144
184
224
0.7 GHz
0.8 GHz
0.9 GHz
1.0 GHz
-40degC / Ch A LS Inj
-40degC / Ch B LS Inj
25degC / Ch A LS Inj
25degC / Ch B LS Inj
105degC / Ch A LS Inj
105degC / Ch B LS Inj
RF Freq / IF Freq
50
55
60
65
70
75
80
85
90
95
100
144
184
224
144
184
224
144
184
224
144
184
224
0.7 GHz
0.8 GHz
0.9 GHz
1.0 GHz
-40degC / Ch A LS Inj
-40degC / Ch B LS Inj
25degC / Ch A LS Inj
25degC / Ch B LS Inj
105degC / Ch A LS Inj
105degC / Ch B LS Inj
RF Freq / IF Freq
23
24
25
26
27
28
29
30
31
32
33
144
184
224
144
184
224
144
184
224
144
184
224
144
184
224
0.6 GHz
0.7 GHz
0.8 GHz
0.9 GHz
1.0 GHz
-40degC / Ch A HS Inj
-40degC / Ch B HS Inj
25degC / Ch A HS Inj
25degC / Ch B HS Inj
105degC / Ch A HS Inj
105degC / Ch B HS Inj
RF Freq / IF Freq
24
28
32
36
40
44
48
52
56
144
184
224
144
184
224
144
184
224
144
184
224
144
184
224
0.6 GHz
0.7 GHz
0.8 GHz
0.9 GHz
1.0 GHz
-40degC / Ch A HS Inj
-40degC / Ch B HS Inj
25degC / Ch A HS Inj
25degC / Ch B HS Inj
105degC / Ch A HS Inj
105degC / Ch B HS Inj
RF Freq / IF Freq
50
55
60
65
70
75
80
85
90
95
100
144
184
224
144
184
224
144
184
224
144
184
224
144
184
224
0.6 GHz
0.7 GHz
0.8 GHz
0.9 GHz
1.0 GHz
-40degC / Ch A HS Inj
-40degC / Ch B HS Inj
25degC / Ch A HS Inj
25degC / Ch B HS Inj
105degC / Ch A HS Inj
105degC / Ch B HS Inj
RF Freq / IF Freq



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com