Electronic Components Datasheet Search
  English  ▼

X  

F0502 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # F0502
Description  Sampling IF Receiver 600MHz to 1000MHz
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0502 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button F0502 Datasheet HTML 31Page - Renesas Technology Corp F0502 Datasheet HTML 32Page - Renesas Technology Corp F0502 Datasheet HTML 33Page - Renesas Technology Corp F0502 Datasheet HTML 34Page - Renesas Technology Corp F0502 Datasheet HTML 35Page - Renesas Technology Corp F0502 Datasheet HTML 36Page - Renesas Technology Corp F0502 Datasheet HTML 37Page - Renesas Technology Corp F0502 Datasheet HTML 38Page - Renesas Technology Corp F0502 Datasheet HTML 39Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
Sampling IF Receiver 600MHz to
1000MHz
F0502
Datasheet
FlatNoiseTM, Zero-DistortionTM, SIF Rx
37
February 8, 2022
IF NETWORK BOM FOR DIFFERENT FREQUENCIES
Item #
Part
Reference
Value
Unit
IF frequency
80 (60-100)
138, 184
(98-240)
276 (190-316)
330 (250-410)
MHz
1
C9, 12, 24, 27
75
20
8
6
pF
2
C13,25
11
3
1.2
0.7
pF
3
C8, C32
0.6
0.6
0.6
0.6
pF
4
R22, R23
100
100
100
100
ohm
5
L3, 4, 7, 8
220
150
82
56
nH
6
L9-12
36
30
24
18
nH
TOP MARKING
ORDERING INFORMATION
Part Number
Package Description
Carrier Type
Temperature Range
F0502NLGI
68-VFQFPN, 10 × 10 mm
Tape and Reel
-40°C to +85°C
F0502NLGI8
Tray
REVISION HISTORY
Revision Date
Description
February 8, 2022
Rebranded to Renesas.
July 20, 2016
Initial release.
IDTF0502
NLGI
ZB1345N
Q33A008MY
Part Number
Date Code [YYWW]
(Week 45 of 2013)
Lot Code
Die Step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com