Electronic Components Datasheet Search
  English  ▼

X  

F0502 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # F0502
Description  Sampling IF Receiver 600MHz to 1000MHz
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0502 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button F0502 Datasheet HTML 22Page - Renesas Technology Corp F0502 Datasheet HTML 23Page - Renesas Technology Corp F0502 Datasheet HTML 24Page - Renesas Technology Corp F0502 Datasheet HTML 25Page - Renesas Technology Corp F0502 Datasheet HTML 26Page - Renesas Technology Corp F0502 Datasheet HTML 27Page - Renesas Technology Corp F0502 Datasheet HTML 28Page - Renesas Technology Corp F0502 Datasheet HTML 29Page - Renesas Technology Corp F0502 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
Sampling IF Receiver 600MHz to
1000MHz
F0502
Datasheet
FlatNoiseTM, Zero-DistortionTM, SIF Rx
26
February 8, 2022
TOCS M X N SPURS [LO = 1.08182 GHZ, TCASE = 25C, > -90 DBC] (-15-)
Spur Rejection [ChA, Spur PIN = -5 dBm]
Spur Rejection [ChA, Spur PIN = 0 dBm]
Transformer TC2-7T Loss vs. Temperature
Spur Rejection [ChB, Spur PIN = 0 dBm]
-3 3-2
2-3
-1-2
-3 32 1
-2
2-3
-1
1
-2
2
-1
1
-2
2
-1
1
-1
1
1 -11
-12
1 23 -3
-2-1
3
-35
2
-2
5
-5
3
-3
7
-7
4
-4
5
-5
-1000
1000
3000
5000
7000
9000
11000
-95
-85
-75
-65
-55
-45
-35
-25
-15
-5
5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
MxN Spur Frequency (GHz)
Spur Rejection (dBc)
M x RF
N x LO
Fundamental
Image
-5-4-3
4 3-2-4 4-5
2-35-4
3 4-1-2
-3
-5532 1
-2
2-3 3 -1-2
2 1 -3 3-2
2
-1
1
-2
2
-1
1
-1
1
11 1
-1 -112 -23
-12-33
-2-31 235-5
-3
-2-1
3
-35 -5 2 4
-4-2 7 -75
-5
3
-3
7
-7
4
-4
5
-5
-1000
1000
3000
5000
7000
9000
11000
-95
-85
-75
-65
-55
-45
-35
-25
-15
-5
5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
MxN Spur Frequency (GHz)
Spur Rejection (dBc)
M x RF
N x LO
Fundamental
Image
0.00
0.25
0.50
0.75
1.00
1.25
1.50
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
-40
25
100
IF Frequency (GHz)
-3 3-2
2 3 -1 -3 32 1
-2
2 3 -1
2 1
-2
2
-1
1
-2
2
-1
1
-1
1
1 -11
-1 -2 1 3 -3
-2-1
3
-3 -5 2
-4-2
5
-5
3
-3
7
-7
4
-4
5
-5
-1000
1000
3000
5000
7000
9000
11000
-95
-85
-75
-65
-55
-45
-35
-25
-15
-5
5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
MxN Spur Frequency (GHz)
Spur Rejection (dBc)
M x RF
N x LO
Fundamental
Image
-5-4-3
4 3-2-4 4-5
2-35-4
3 4-1-2
-3
-5532 1
-2
2-3 3 -1-2
2 1 -3 3-2
2
-1-2
2 1
-2
2
-1
1
-1
1
11 1
-1 -112 -23
-12-33
-2-31 235-5
-3
-2-1
3
-35 -5 2 4
-4-2 7 -75
-5
3 6
-6-3
7
-7
4
-4
5
-5
-1000
1000
3000
5000
7000
9000
11000
-95
-85
-75
-65
-55
-45
-35
-25
-15
-5
5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
MxN Spur Frequency (GHz)
Spur Rejection (dBc)
M x RF
N x LO
Fundamental
Image



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com