Electronic Components Datasheet Search
  English  ▼

X  

F0502 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # F0502
Description  Sampling IF Receiver 600MHz to 1000MHz
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0502 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button F0502 Datasheet HTML 21Page - Renesas Technology Corp F0502 Datasheet HTML 22Page - Renesas Technology Corp F0502 Datasheet HTML 23Page - Renesas Technology Corp F0502 Datasheet HTML 24Page - Renesas Technology Corp F0502 Datasheet HTML 25Page - Renesas Technology Corp F0502 Datasheet HTML 26Page - Renesas Technology Corp F0502 Datasheet HTML 27Page - Renesas Technology Corp F0502 Datasheet HTML 28Page - Renesas Technology Corp F0502 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
Sampling IF Receiver 600MHz to
1000MHz
F0502
Datasheet
FlatNoiseTM, Zero-DistortionTM, SIF Rx
25
February 8, 2022
TOCS NOISE FIGURE, GAIN ACCURACY, P1DB [STD MODE] (-14-)
NF v Gain [RF=915M, IF=184M, HS Injection]
Gain Accuracy [RF =915M, IF=184M, HS Injection]
Input P1dB [IF =184 MHz, High Side Injection]
NF v Temp [RF=915M, IF=184M, HS Injection]
Output P1dB [IF = 184 MHz, High Side Injection]
Input P1dB [RF = 915M, IF = 184M, High Side Inj.]
6
10
14
18
22
26
30
34
-20
-16
-12
-8
-4
0
4
8
12
16
20
24
28
Gain Setting (dB) / Blocker Power (dBm)
CHA no blocker
ChB no blocker
ChA w/Blocker
-24
-21
-17
-13
-9
-5
-1
3
7
11
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
-20
-16
-12
-8
-4
0
4
8
12
16
20
24
28
Gain Setting (dB)
-40degC / ChA
-40degC / ChB
25degC / ChA
25degC / ChB
105degC / ChA
105degC / ChB
-10
-5
0
5
10
15
0.60
0.70
0.80
0.90
1.00
RF Frequency (GHz)
27dB Gain Setting / ChA
27dB Gain Setting / ChB
17dB Gain Setting / ChA
17dB Gain Setting / ChB
7dB Gain Setting / ChA
7dB Gain Setting / ChB
8
9
10
11
12
13
0.70
0.80
0.90
1.00
-40degC / CHA
-40degC / CHB
25degC / CHA
25degC / CHB
105degC / CHA
105degC / CHB
8
9
10
11
12
13
0.70
0.80
0.90
1.00
RF Frequency (GHz)
-40degC / CHA
-40degC / CHB
25degC / CHA
25degC / CHB
105degC / CHA
105degC / CHB
0
5
10
15
20
25
0.60
0.70
0.80
0.90
1.00
RF Frequency (GHz)
27dB Gain Setting / ChA
27dB Gain Setting / ChB
17dB Gain Setting / ChA
17dB Gain Setting / ChB
7dB Gain Setting / ChA
7dB Gain Setting / ChB
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
-20
-16
-12
-8
-4
0
4
8
12
16
20
24
28
-40degC
25degC
105degC
Gain Setting (dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com