Electronic Components Datasheet Search
  English  ▼

X  

F1130 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # F1130
Description  Dual Path Lowband RF Receiver 400MHz to 1100MHz
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1130 Datasheet(HTML) 3 Page - Renesas Technology Corp

  F1130 Datasheet HTML 1Page - Renesas Technology Corp F1130 Datasheet HTML 2Page - Renesas Technology Corp F1130 Datasheet HTML 3Page - Renesas Technology Corp F1130 Datasheet HTML 4Page - Renesas Technology Corp F1130 Datasheet HTML 5Page - Renesas Technology Corp F1130 Datasheet HTML 6Page - Renesas Technology Corp F1130 Datasheet HTML 7Page - Renesas Technology Corp F1130 Datasheet HTML 8Page - Renesas Technology Corp F1130 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
Dual Path Lowband RF Receiver
400MHz to 1100MHz
F1130
Datasheet
Glitch-FreeTM, RF Receiver
3
February 8, 2022
F1130 RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Supply Voltage(s)
VCC
All VCC pins
4.75
5.25
V
Operating Temperature Range
TCASE
Case Temperature
-40
+105
°C
RF Freq Range
FRF
400
1100
MHz
LO Freq Range
FLO
500
1300
MHz
LO Power
PLO
-3
+3
dBm
IF Freq Range
FIF
25
400
MHz
RF Amplifier Source
Impedance
ZRFIN_A
ZRFIN_B
Single Ended
50
Ω
RF Amplifier Load Impedance
ZRFOUT_A
ZRFOUT_B
Single Ended
50
Ω
Mixer RF Source Impedance
ZMXRRFIN_A
ZMXRRFIN_B
Single Ended
50
Ω
Mixer LO Source Impedance
ZMXRLOIN_A
ZMXRLOIN_B
Single Ended
50
Ω
Mixer IF Load Impedance
ZMXRIFOUT_A
ZMXRIFOUT_B
Differential
200
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com