Electronic Components Datasheet Search
  English  ▼

X  

F1130 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # F1130
Description  Dual Path Lowband RF Receiver 400MHz to 1100MHz
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1130 Datasheet(HTML) 5 Page - Renesas Technology Corp

  F1130 Datasheet HTML 1Page - Renesas Technology Corp F1130 Datasheet HTML 2Page - Renesas Technology Corp F1130 Datasheet HTML 3Page - Renesas Technology Corp F1130 Datasheet HTML 4Page - Renesas Technology Corp F1130 Datasheet HTML 5Page - Renesas Technology Corp F1130 Datasheet HTML 6Page - Renesas Technology Corp F1130 Datasheet HTML 7Page - Renesas Technology Corp F1130 Datasheet HTML 8Page - Renesas Technology Corp F1130 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
Dual Path Lowband RF Receiver
400MHz to 1100MHz
F1130
Datasheet
Glitch-FreeTM, RF Receiver
5
February 8, 2022
F1130 SPECIFICATION (CONTINUED)
Specifications apply at VCC = +5.00V, TCASE = +25°C, FRF = 900MHz, FIF = 199MHz, FLO = 1099MHz, PLO = 0dBm, For
bypass ON, RF VGA input = +5dBm, for Bypass OFF, RF VGA input = -20dBm/tone, Attenuator = 0dB, STBY_A,
STBY_B = GND unless otherwise noted. Trace, Connector, and external transformer losses are de-embedded.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
RF VGA – Bypass OFF
Gain4
GVGA
17.5
19
20.5
dB
Gain Flatness
GVGA_FLAT
FRF = 400 MHz to 110 MHz
over any 100 MHz bandwidth
± 0.3
dB
Gain Variation
GVGA_T
Tcase =-40 to +105 °C
-0.4 to
+0.2
dB
Noise Figure
NFVGA
3.5
dB
Input 1 dB Power
Compression
IP1dBLBVGA
0
dBm
Output Third Order
Intercept Point
OIP3VGA
Pout = 0 dBm/Tone,
1 MHz tone separation
342
37
dBm
RF VGA – Bypass ON
Gain
GBYPASS
-3.5
-2.5
dB
Gain Flatness
GBYPASS_FLAT
FRF = 400 MHz to 1100 MHz
over any 100 MHz bandwidth
± 0.2
dB
Gain Variation
GBYPASS_T
Tcase =-40 to +105 °C
± 0.25
dB
Input 1 dB Power
Compression
IP1dBLBBYPASS
22
dBm
Output Third Order
Intercept Point
OIP3BYPASS_0
Attenuation = 0dB
1 MHz tone separation
40
43
dBm
Output Third Order
Intercept Point
OIP3BYPASS_6
Attenuation = 6dB
1 MHz tone separation
34
37
dBm
RF VGA – Bypass ON or OFF
DSA Gain Control Range
DSARANGE
30
dB
DSA Gain Step
DSASTEP
2
dB
Gain Accuracy
DSAACC
±(0.05 + 0.04*ATTN) Max
dB
Channel Isolation
ISOA-B
ISOB-A
RFA Input to RFB Output
RFB Input to RFA Output
46
52
dB
VGA Input Match
S11VGA
-15
dB
VGA Output Match
S22VGA
-15
dB
Isolation between VGA
RFout and Mixer RFin
ISOVGA/MIX
No Connection between ports
47
50
dB
Note 1: Items in min/max columns in bold italics are Guaranteed by Test.
Note 2: Items in min/max columns that are not bold/italics are Guaranteed by Design Characterization.
Note 3: Speeds are measured after SPI programming is completed (data latched with LE = HIGH).
Note 4: Gain across the entire frequency band is affected by the inclusion of the RF switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com