Electronic Components Datasheet Search
  English  ▼

X  

F1130 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # F1130
Description  Dual Path Lowband RF Receiver 400MHz to 1100MHz
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1130 Datasheet(HTML) 4 Page - Renesas Technology Corp

  F1130 Datasheet HTML 1Page - Renesas Technology Corp F1130 Datasheet HTML 2Page - Renesas Technology Corp F1130 Datasheet HTML 3Page - Renesas Technology Corp F1130 Datasheet HTML 4Page - Renesas Technology Corp F1130 Datasheet HTML 5Page - Renesas Technology Corp F1130 Datasheet HTML 6Page - Renesas Technology Corp F1130 Datasheet HTML 7Page - Renesas Technology Corp F1130 Datasheet HTML 8Page - Renesas Technology Corp F1130 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
Dual Path Lowband RF Receiver
400MHz to 1100MHz
F1130
Datasheet
Glitch-FreeTM, RF Receiver
4
February 8, 2022
F1130 SPECIFICATION
Specifications apply at VCC = +5.00V, TCASE = +25°C, FRF = 900MHz, FIF = 199MHz, FLO = 1099MHz, PLO = 0dBm, For
bypass ON, RF VGA input = +5dBm, for Bypass OFF, RF VGA input = -20dBm/tone, Attenuator = 0dB, STBY_A,
STBY_B = GND unless otherwise noted. Trace, Connector, and external transformer losses are de-embedded
.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
General
Logic Input High
VIH
All Control Pins
1.17
V
Logic Input Low
VIL
All Control Pins
0.67
V
Logic Current
IIH, IIL
All Control Pins
-120
+120
μA
Standby Mode Logic
STBY
STBY = VIH or Floating
Power OFF
STBY = VIL
Power ON
Supply Current
ICC_ON
Bypass OFF, 2 Channels
360
4101
mA
ICC_OFF1
Bypass ON, 1 Channels
(CHA or CHB)
295
330
ICC_OFF2
Bypass ON, 2 Channels
(CHA and CHB)
230
260
ICC_STBY
Standby Mode
20
26
RF Switching time3
τRF
10% to 90% risetime
250
ns
DSA Settling time3
τSET
10% to 90% risetime
100
ns
Turn ON time3
τON
10% to 90% risetime
225
ns
Turn OFF time3
τOFF
10% to 90% risetime
25
ns
Control Interface
SPIBIT
14
bit
Serial Clock Speed
SPICLK
24
MHz
Note 1: Items in min/max columns in bold italics are Guaranteed by Test.
Note 2: Items in min/max columns that are not bold/italics are Guaranteed by Design Characterization.
Note 3: Speeds are measured after SPI programming is completed (data latched with LE = HIGH).
Note 4: Gain across the entire frequency band is affected by the inclusion of the RF switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com