Electronic Components Datasheet Search
  English  ▼

X  

F1130 Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # F1130
Description  Dual Path Lowband RF Receiver 400MHz to 1100MHz
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1130 Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button F1130 Datasheet HTML 31Page - Renesas Technology Corp F1130 Datasheet HTML 32Page - Renesas Technology Corp F1130 Datasheet HTML 33Page - Renesas Technology Corp F1130 Datasheet HTML 34Page - Renesas Technology Corp F1130 Datasheet HTML 35Page - Renesas Technology Corp F1130 Datasheet HTML 36Page - Renesas Technology Corp F1130 Datasheet HTML 37Page - Renesas Technology Corp F1130 Datasheet HTML 38Page - Renesas Technology Corp F1130 Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
Dual Path Lowband RF Receiver
400MHz to 1100MHz
F1130
Datasheet
Glitch-FreeTM, RF Receiver
35
February 8, 2022
EVKIT BOM
Item #
Part
Reference
QTY
DESCRIPTION
Mfr. Part #
Mfr.
1
C2, 8, 14, 17, 20,
26, 28, 34
8
CAP CER 10000PF 16V 10% X7R 0402
GRM155R71C103KA01D
MuRata
2
C1, 9, 15, 18, 21,
27, 29, 35
8
CAP CER 0.1UF 16V 10% X7R 0402
GRM155R71C104KA88D
MuRata
3
C3, 7, 12, 19, 31
5
CAP CER 200PF 50V 5% C0G 0402
GRM1555C1H201JA01D
MuRata
4
C22-25
4
CAP CER 1000PF 50V C0G 0402
GRM1555C1H102JA01D
MuRata
5
C13, 30
2
CAP CER 8PF 50V C0G 0402
GRM1555C1H8R0DZ01D
MuRata
6
R2
1
RES 7.50K OHM 1/10W 1% 0402 SMD
ERJ-2RKF7501X
Panasonic
7
R3, 5, 6
3
RES 3.00K OHM 1/10W 1% 0402 SMD
ERJ-2RKF3001X
Panasonic
8
R19, 26, 33
3
RES 3.24K OHM 1/10W 1% 0402 SMD
ERJ-2RKF3241X
Panasonic
9
R22, 30
2
RES 62.0 OHM 1/10W 1% 0402 SMD
ERJ-2RKF62R0X
Panasonic
10
R11-15, 17, 18,
24, 25, 27, 28
11
RES 0.0 OHM 1/10W 0402 SMD
ERJ-2GE0R00X
Panasonic
11
L1, 2, 10, 11
4
0805LS (2012) Ceramic Chip Inductor
0805LS-102XJLB
Coilcraft
12
R21, 31
2
0402CS Ceramic Chip Inductor
0402CS-20NXJLU
Coilcraft
13
T1, 2
2
4:1 Center Tap Balun
TC4-1TG2+
Mini Circuits
14
J11, 2, 14
3
CONN HEADER VERT SGL 2POS GOLD
961102-6404-AR
3M
15
J10
1
CONN HEADER VERT DBL 4POS GOLD
67997-108HLF
FCI
16
J15
1
CONN HEADER VERT DBL 7POS GOLD
67996-114HLF
FCI
17
J1-4, 6, 8, 9
7
SMA_END_LAUNCH (Big)
142-0701-851
Emerson Johnson
18
J5, 7, 13
3
SMA_END_LAUNCH (Small)
142-0711-821
Emerson Johnson
19
U1
1
Dual Path RF Receiver 400-1100MHz
AV650B00_5ZNA
Renesas
20
1
Printed Cicuit Board
F1130 EVKIT REV 01
21
Bill Of Material
22
C4-6
R1, 7-10, 20, 23,
29, 32
0
Do Not Populate
N/A
N/A
TOP MARKINGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com