Electronic Components Datasheet Search
  English  ▼

X  

F1130 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # F1130
Description  Dual Path Lowband RF Receiver 400MHz to 1100MHz
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1130 Datasheet(HTML) 2 Page - Renesas Technology Corp

  F1130 Datasheet HTML 1Page - Renesas Technology Corp F1130 Datasheet HTML 2Page - Renesas Technology Corp F1130 Datasheet HTML 3Page - Renesas Technology Corp F1130 Datasheet HTML 4Page - Renesas Technology Corp F1130 Datasheet HTML 5Page - Renesas Technology Corp F1130 Datasheet HTML 6Page - Renesas Technology Corp F1130 Datasheet HTML 7Page - Renesas Technology Corp F1130 Datasheet HTML 8Page - Renesas Technology Corp F1130 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
Dual Path Lowband RF Receiver
400MHz to 1100MHz
F1130
Datasheet
Glitch-FreeTM, RF Receiver
2
February 8, 2022
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Max
Units
VCC to GND
VCC
-0.3
+5.5
V
SPI DATA, SPI LE, SPI CLK,
STBY_A, STBY_B
VLogic
-0.3
Vcc + 0.25
V
IFOUT_A+, IFOUT_A-,
IFOUT_B+, IFOUT_B-,
IIF
1.00
Vcc + 0.30
V
LO_IN, RFIN_A, RFIN_B,
MIXRFIN_A, MIXRFIN_B
VCntl
-0.3
+0.30
V
LO_BIAS
VLO
+2.1
+4.0
V
RFA_BIAS, RFB_BIAS
VRFIN
-0.3
+1.50
V
RFAMP_BIAS, IFA_BIAS, IFB_BIAS
VBias
-0.3
+2.20
V
Maximum RF Input Power – Bypass OFF
(
1hr < duration < 2hr @ Tcase = 105C)
PRFIN_A
PRFIN_B
+24
dBm
Maximum RF Input Power – Bypass ON
(
1hr < duration < 2hr @ Tcase = 105C)
PRFIN_A
PRFIN_B
+24
dBm
Maximum RF Input Power to Mixer
(
1hr < duration < 2hr @ Tcase = 105C)
PRFMIX_A
PRFMIX_B
+21
dBm
Continuous Power Dissipation
Pdiss
2.15
W
Junction Temperature
Tj
+150
°C
Storage Temperature Range
Tst
-65
+150
°C
Lead Temperature (soldering, 10s)
+260
°C
ElectroStatic Discharge – HBM
(JEDEC/ESDA JS-001-2012)
2000
(Class 2)
Volts
ElectroStatic Discharge – CDM
(JEDEC 22-C101F)
250
(Class C3)
Volts
Stresses above those listed above may cause permanent damage to the device. Functional operation of the device at
these or any other conditions above those indicated in the operational section of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability
.
ESD CAUTION
This product features proprietary protection circuitry. However, it may be damaged if subjected to high energy ESD.
Please use proper ESD precautions when handling to avoid damage or loss of performance.
PACKAGE THERMAL AND MOISTURE CHARACTERISTICS
θJA (Junction – Ambient)
32 °C/W
θJC (Junction – Case) [The Case is defined as the exposed paddle]
3 °C/W
Moisture Sensitivity Rating (Per J-STD-020)
MSL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com