Electronic Components Datasheet Search
  English  ▼

X  

F1130 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # F1130
Description  Dual Path Lowband RF Receiver 400MHz to 1100MHz
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1130 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button F1130 Datasheet HTML 2Page - Renesas Technology Corp F1130 Datasheet HTML 3Page - Renesas Technology Corp F1130 Datasheet HTML 4Page - Renesas Technology Corp F1130 Datasheet HTML 5Page - Renesas Technology Corp F1130 Datasheet HTML 6Page - Renesas Technology Corp F1130 Datasheet HTML 7Page - Renesas Technology Corp F1130 Datasheet HTML 8Page - Renesas Technology Corp F1130 Datasheet HTML 9Page - Renesas Technology Corp F1130 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
Dual Path Lowband RF Receiver
400MHz to 1100MHz
F1130
Datasheet
Glitch-FreeTM, RF Receiver
6
February 8, 2022
F1130 SPECIFICATION (CONTINUED)
Specifications apply at VCC = +5.00V, TCASE = +25°C, FRF = 900MHz, FIF = 199MHz, FLO = 1099MHz, PLO = 0dBm, For
bypass ON, RF VGA input = +5dBm, for Bypass OFF, RF VGA input = -20dBm/tone, Attenuator = 0dB, STBY_A,
STBY_B = GND unless otherwise noted. Trace, Connector, and external transformer losses are de-embedded.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Mixer
Gain
GMXR
8
9
10
dB
Gain Flatness
GMXR_FLAT
FRF = 1400 MHz to 2700 MHz
over any 100 MHz bandwidth
± 0.2
dB
IF Gain Flatness
Bandwidth
GIF_FLAT1
Fixed LO
Flatness = 0.5 dB
200
MHz
GIF_FLAT2
Fixed LO
Flatness = 0.8 dB
300
MHz
Gain Variation
GMXR_T
Tcase =-40 to +105 °C
± 0.8
dB
Noise Figure
NFMXR
10.3
dB
Blocking Noise Figure
NFMXR_BLK
+75 MHz offset
Pin (Blocker) = + 4dBm
17.5
dB
Input 1 dB Compression
IP1dBMXR
7
9
dBm
Output Third Order
Intercept Point
OIP3MXR
1 MHz tone separation
33
36
dBm
Output Second Order
Intercept Point
OIP2MXR
1 MHz tone separation
58
dBm
2RF – 2LO rejection
2x2MXR
FRF – FIF/2
68
dBc
3RF – 3LO rejection
3x3MXR
Frequency = FRF – 2*FIF/3
70
dBc
Second Harmonic
HD2MXR
65
dBc
Third Harmonic
HD3MXR
80
dBc
Settling Time
τMXR_SET
Pin = -13 dBm
STBY VIH to VIL
Time for IF to settle to 0.1 dB
of final value
170
ns
Mixer RF Input Match
S11MXR_RF
-15
dB
Mixer LO Input Match
S11MXR_LO
-15
dB
Mixer IF Output Match
S22MXR_IF
-13
dB
Channel Isolation
ISOIF
IFOUT_A to IFOUT_B
70
dBc
RF to IF Isolation
ISORI
Pin = -10 dBm
Ratio of IF level to RF leakage
at IF port
36
dBc
LO to RF Leakage
ISOLR
-47
dBm
LO to IF Leakage
ISOLI
-37
dBm
Note 1: Items in min/max columns in bold italics are Guaranteed by Test.
Note 2: Items in min/max columns that are not bold/italics are Guaranteed by Design Characterization.
Note 3: Speeds are measured after SPI programming is completed (data latched with LE = HIGH).
Note 4: Gain across the entire frequency band is affected by the inclusion of the RF switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com