Electronic Components Datasheet Search
  English  ▼

X  

F1130 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # F1130
Description  Dual Path Lowband RF Receiver 400MHz to 1100MHz
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1130 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button F1130 Datasheet HTML 32Page - Renesas Technology Corp F1130 Datasheet HTML 33Page - Renesas Technology Corp F1130 Datasheet HTML 34Page - Renesas Technology Corp F1130 Datasheet HTML 35Page - Renesas Technology Corp F1130 Datasheet HTML 36Page - Renesas Technology Corp F1130 Datasheet HTML 37Page - Renesas Technology Corp F1130 Datasheet HTML 38Page - Renesas Technology Corp F1130 Datasheet HTML 39Page - Renesas Technology Corp F1130 Datasheet HTML 40Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
Dual Path Lowband RF Receiver
400MHz to 1100MHz
F1130
Datasheet
Glitch-FreeTM, RF Receiver
37
February 8, 2022
F1130 Digital Pin Voltage & Resistance Values (pins not connected)
The following table list the resitance between various pins and ground when no DC power is applied. When
the device is powered up with +5 Volts DC these same pins to should have the measured voltage to ground.
Pin
Name
DC voltage (volts)
Resistance (ohms)
6
DATA
5
57K
7
CLK
5
57K
8
LE
5
57K
25
STBY_B
5
57K
36
STBY_A
5
57K
ORDERING INFORMATION
Part Number
Package Description
Carrier Type
Temperature Range
F1130NBGI
48-VFQFPN, 7 × 7 mm
Tape and Reel
-40°C to +85°C
F1130NBGI8
Tray
REVISION HISTORY
Revision Date
Description
February 8, 2022
Rebranded to Renesas.
April 13, 2015
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com