Electronic Components Datasheet Search
  English  ▼

X  

QL3025 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # QL3025
Description  25,000 Usable PLD Gate pASIC 3 FPGA Combining High Performance and High Density
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL3025 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  QL3025 Datasheet HTML 1Page - List of Unclassifed Manufacturers QL3025 Datasheet HTML 2Page - List of Unclassifed Manufacturers QL3025 Datasheet HTML 3Page - List of Unclassifed Manufacturers QL3025 Datasheet HTML 4Page - List of Unclassifed Manufacturers QL3025 Datasheet HTML 5Page - List of Unclassifed Manufacturers QL3025 Datasheet HTML 6Page - List of Unclassifed Manufacturers QL3025 Datasheet HTML 7Page - List of Unclassifed Manufacturers QL3025 Datasheet HTML 8Page - List of Unclassifed Manufacturers QL3025 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
www.quicklogic.com
© 2002 QuickLogic Corporation
•
•
•
•
•
•
QL3025 pASIC 3 FPGA Data Sheet Rev E
Table 3: Clock Cells
Symbol
Parameter
Propagation Delays (ns) Loads per Half Column a
a. The array distributed networks consist of 40 half columns and the global distributed networks con-
sist of 44 half columns, each driven by an independent buffer. The number of half columns used
does not affect clock buffer delay. The array clock has up to eight loads per half column. The glo-
bal clock has up to 11 loads per half column.
1
2
3
4
8
10
11
tACK
Array Clock Delay
1.2
1.2
1.3
1.3
1.5
1.6
1.7
t
GCKP
Global Clock Pin Delay
0.7
0.7
0.7
0.7
0.7
0.7
0.7
tGCKB
Global Clock Buffer Delay
0.8
0.8
0.9
0.9
1.1
1.2
1.3
Table 4: Input-Only I/O Cells
Symbol
Parameter
Propagation Delays (ns) Fanout a
a. Stated timing for worst case Propagation Delay over process variation at VCC = 3.3 V and
TA = 25
°C. Multiply by the appropriate Delay Factor, K, for speed grade, voltage, and temperature
settings as specified in
Table 7.
1
2
3
4
8
10
tI/O
Input Delay (bidirectional pad)
1.3
1.6
1.8
2.1
3.1
3.6
t
ISU
Input Register Set-Up Time
3.1
3.1
3.1
3.1
3.1
3.1
tIH
Input Register Hold Time
0.0
0.0
0.0
0.0
0.0
0.0
tlOCLK
Input Register Clock To Q
0.7
1.0
1.2
1.5
2.5
3.0
t
lORST
Input Register Reset Delay
0.6
0.9
1.1
1.4
2.4
2.9
tlESU
Input Register clock Enable Set-Up Time
2.3
2.3
2.3
2.3
2.3
2.3
t
lEH
Input Register Clock Enable Hold Time
0.0
0.0
0.0
0.0
0.0
0.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com