Electronic Components Datasheet Search
  English  ▼

X  

QL3025 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # QL3025
Description  25,000 Usable PLD Gate pASIC 3 FPGA Combining High Performance and High Density
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL3025 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button QL3025 Datasheet HTML 3Page - List of Unclassifed Manufacturers QL3025 Datasheet HTML 4Page - List of Unclassifed Manufacturers QL3025 Datasheet HTML 5Page - List of Unclassifed Manufacturers QL3025 Datasheet HTML 6Page - List of Unclassifed Manufacturers QL3025 Datasheet HTML 7Page - List of Unclassifed Manufacturers QL3025 Datasheet HTML 8Page - List of Unclassifed Manufacturers QL3025 Datasheet HTML 9Page - List of Unclassifed Manufacturers QL3025 Datasheet HTML 10Page - List of Unclassifed Manufacturers QL3025 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
© 2002 QuickLogic Corporation
www.quicklogic.com
7
•
•
•
•
•
•
QL3025 pASIC 3 FPGA Data Sheet Rev E
Table 8: DC Characteristics
Symbol
Parameter
Conditions
Min
Max
Units
VIH
Input HIGH Voltage
0.5 VCC
VCCIO + 0.5
V
V
IL
Input LOW Voltage
-0.5
0.3 V
CC
V
V
OH
Output HIGH Voltage
IOH = -12 mA
2.4
V
IOH = -500 µA
0.9 VCC
V
VOL
Output LOW Voltage
I
OL = 16 mA
a
a. Applies only to -1/-2/-3/-4 commercial grade devices. These speed grades are also PCI-compliant. All
other devices have 8 mA IOL specifications.
0.45
V
IOL = 1.5 mA
0.1 VCC
V
II
I or I/O Input Leakage Current
VI = VCCIO or GND
-10
10
µA
I
OZ
3-State Output Leakage Current
V
I = VCCIO or GND
-10
10
µA
CI
Input Capacitanceb
b. Capacitance is sample tested only. Clock pins are 12 pF maximum.
10
pF
IOS
Output Short Circuit Currentc
c. Only one output at a time. Duration should not exceed 30 seconds.
VO = GND
-15
-180
mA
V
O = VCC
40
210
mA
ICC
D.C. Supply Currentd
d. For -1/-2/-3/-4 commercial grade devices only. Maximum I
CC is 3 mA for -0 commercial grade and all
industrial grade devices, and 5 mA for all military grade devices. For AC conditions, contact QuickLog-
ic customer applications group. (See
Contact Information).
VI, VIO = VCCIO or GND
0.50 (typ)
2
mA
ICCIO
D.C. Supply Current on VCCIO
0
100
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com