Electronic Components Datasheet Search
  English  ▼

X  

QL3025 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # QL3025
Description  25,000 Usable PLD Gate pASIC 3 FPGA Combining High Performance and High Density
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL3025 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  QL3025 Datasheet HTML 1Page - List of Unclassifed Manufacturers QL3025 Datasheet HTML 2Page - List of Unclassifed Manufacturers QL3025 Datasheet HTML 3Page - List of Unclassifed Manufacturers QL3025 Datasheet HTML 4Page - List of Unclassifed Manufacturers QL3025 Datasheet HTML 5Page - List of Unclassifed Manufacturers QL3025 Datasheet HTML 6Page - List of Unclassifed Manufacturers QL3025 Datasheet HTML 7Page - List of Unclassifed Manufacturers QL3025 Datasheet HTML 8Page - List of Unclassifed Manufacturers QL3025 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
© 2002 QuickLogic Corporation
www.quicklogic.com
1
•
•
•
•
•
•
• • • • • •
Device Highlights
High Performance & High Density
•
25,000 Usable PLD Gates with 204 I/Os
•
300 MHz 16-bit Counters,
400 MHz Datapaths
•
0.35
µm four-layer metal non-volatile
CMOS process for smallest die sizes
Easy to Use / Fast Development
Cycles
•
100% routable with 100% utilization and
complete pin-out stability
•
Variable-grain logic cells provide high
performance and 100% utilization
•
Comprehensive design tools include high
quality Verilog/VHDL synthesis
Advanced I/O Capabilities
•
Interfaces with both 3.3 V and 5.0 V devices
•
PCI compliant with 3.3 V and 5.0 V buses
for -1/-2/-3/-4 speed grades
•
Full JTAG boundary scan
•
I/O Cells with individually controlled
Registered Input Path and Output Enables
Total of 204 I/O Pins
•
196 bidirectional input/output pins,
PCI-compliant for 5.0 V and 3.3 V buses for
-1/-2/-3/-4 speed grades
•
Four High Drive input-only pins
•
Four High Drive input-only/distributed
network pins
Four Low-Skew Distributed
Networks
•
Two array clock/control networks available
to the logic cell flip-flop clock, set and reset
inputs — each driven by an input-only pin
•
Two global clock/control networks available
to the logic cell; F1, clock set, reset inputs
and the input, I/O register clock, reset, and
enable inputs as well as the output enable
control — each driven by an input-only or
I/O pin, or any logic cell output or I/O cell
feedback
High Performance
•
Input + logic cell + output total delays
under 6 ns
•
Data path speeds over 400 MHz
•
Counter speeds over 300 MHz
Figure 1: 672 pASIC 3 Logic Cells
QL3025 pASIC 3 FPGA Data Sheet
25,000 Usable PLD Gate pASIC 3 FPGA Combining High Performance
and High Density


Similar Part No. - QL3025

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL3025 ETC1-QL3025 Datasheet
239Kb / 14P
60,000 Usable PLD Gate pASIC3 FPGA Combining High Performance and High Density
QL3025-0PL84M ETC1-QL3025-0PL84M Datasheet
239Kb / 14P
60,000 Usable PLD Gate pASIC3 FPGA Combining High Performance and High Density
QL3025-0PQ208M ETC1-QL3025-0PQ208M Datasheet
239Kb / 14P
60,000 Usable PLD Gate pASIC3 FPGA Combining High Performance and High Density
QL3025-1PL84M ETC1-QL3025-1PL84M Datasheet
239Kb / 14P
60,000 Usable PLD Gate pASIC3 FPGA Combining High Performance and High Density
QL3025-1PQ208M ETC1-QL3025-1PQ208M Datasheet
239Kb / 14P
60,000 Usable PLD Gate pASIC3 FPGA Combining High Performance and High Density
More results

Similar Description - QL3025

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL8025 ETC-QL8025 Datasheet
739Kb / 49P
LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
QL4016 ETC-QL4016 Datasheet
478Kb / 18P
16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL2009 ETC-QL2009 Datasheet
272Kb / 12P
3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL4009 ETC1-QL4009 Datasheet
373Kb / 18P
9,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL2003 ETC1-QL2003 Datasheet
333Kb / 10P
3.3V and 5.0V pASIC-R 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL4016-1PB456M ETC1-QL4016-1PB456M Datasheet
576Kb / 22P
90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
QL4058 ETC1-QL4058 Datasheet
536Kb / 23P
58,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL3012 ETC1-QL3012 Datasheet
239Kb / 14P
60,000 Usable PLD Gate pASIC3 FPGA Combining High Performance and High Density
QL2007 ETC1-QL2007 Datasheet
299Kb / 10P
3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL16X24B ETC1-QL16X24B Datasheet
1Mb / 10P
pASIC 1 Family Very-High-Speed CMOS FPGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com