Electronic Components Datasheet Search
  English  ▼

X  

QL3025 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # QL3025
Description  25,000 Usable PLD Gate pASIC 3 FPGA Combining High Performance and High Density
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL3025 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button QL3025 Datasheet HTML 2Page - List of Unclassifed Manufacturers QL3025 Datasheet HTML 3Page - List of Unclassifed Manufacturers QL3025 Datasheet HTML 4Page - List of Unclassifed Manufacturers QL3025 Datasheet HTML 5Page - List of Unclassifed Manufacturers QL3025 Datasheet HTML 6Page - List of Unclassifed Manufacturers QL3025 Datasheet HTML 7Page - List of Unclassifed Manufacturers QL3025 Datasheet HTML 8Page - List of Unclassifed Manufacturers QL3025 Datasheet HTML 9Page - List of Unclassifed Manufacturers QL3025 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
www.quicklogic.com
© 2002 QuickLogic Corporation
•
•
•
•
•
•
QL3025 pASIC 3 FPGA Data Sheet Rev E
DC Characteristics
The DC specifications are provided in Table 6 through Table 8.
Table 6: Absolute Maximum Ratings
Parameter
Value
Parameter
Value
VCC Voltage
-0.5 V to 4.6 V
DC Input Current
±20 mA
V
CCIO Voltage
-0.5 V to 7.0 V
ESD Pad Protection
±2000 V
Input Voltage
-0.5 V to VCCIO +0.5 V
Storage Temperature
-65°C to +150°C
Latch-up Immunity
±200 mA
Lead Temperature
300°C
Table 7: Operating Range
Symbol
Parameter
Military
Industrial
Commercial
Unit
Min
Max
Min
Max
Min
Max
VCC
Supply Voltage
3.0
3.6
3.0
3.6
3.0
3.6
V
VCCIO
I/O Input Tolerance Voltage
3.0
5.5
3.0
5.5
3.0
5.25
V
TA
Ambient Temperature
-55
-
-40
85
0
70
°C
TC
Case Temperature
-
125
-
-
-
-
°C
K
Delay Factor
-0 Speed Grade
-
-
0.43
1.90
0.46
1.85
n/a
-1 Speed Grade
0.42
1.64
0.43
1.54
0.46
1.50
n/a
-2 Speed Grade
0.42
1.37
0.43
1.28
0.46
1.25
n/a
-3 Speed Grade
0.43
0.90
0.46
0.88
n/a
-4 Speed Grade
0.43
0.82
0.46
0.80
n/a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com