Electronic Components Datasheet Search
  English  ▼

X  

FTC262 Datasheet(PDF) 4 Page - Endress+Hauser Group Services AG

Part # FTC262
Description  Point level switch with buildup compensation No calibration necessary
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

FTC262 Datasheet(HTML) 4 Page - Endress+Hauser Group Services AG

  FTC262 Datasheet HTML 1Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 2Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 3Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 4Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 5Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 6Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 7Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 8Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 9Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Minicap FTC260, FTC262
4
Endress+Hauser
Function Range
There is a loose relationship between the dielectric constant εr and the density ρ of the material.
The table on the left indicates whether the Minicap can be used or if application limits are exceeded.
In general:
If the dielectric constant of the process medium is not known, then the bulk density can be a deciding
factor.
Experience shows that the Minicap functions in foodstuffs with a density of 250 g/l and above or
in plastic or mineral materials with a density of 600 g/l and above.
Setting the Sensitivity
The Minicap is so calibrated at the factory that it correctly switches in most materials.
Greater sensitivity can be set using a switch on the electronic insert. This is necessary if there is very
strong build-up on the probe, or if the dielectric constant εr of the material is very small.
L00-FTC26xxx-15-06-xx-xx-200
The switch positions show the factory settings:
1LEDs
2
Switch for setting sensitivity
3
Switch for selecting safety position
Grain, seed, legumes and their products
Minerals, inorganic materials
Plastics
Examples
ρ in g/l
(approx.)
εr
(approx.)
Examples
ρ in g/l
(approx.)
εr
(approx.)
Examples
ρ in g/l
(approx.)
εr
(approx.)
Rice
770
3.0
Cement
1050
2.2
ABS granulate
630
1.7
Cornstarch (packed)
680
2.6
Plaster
730
1.8
PA granulate
620
1.7
Flour (wheat)
580
2.4
Chalk
(packed)*
540
1.6
PE granulate*
560
1.5
Corn grist
500
2.1
Chalk
(loose)*
360
1.4
PVC powder*
550
1.4
Sunflower seeds
380
1.9
PU dust*
80
1.1
Noodles
370
1.9
Bran (wheat)
250
1.7
Popcorn*
30
1.1
* Gray background: Application limits not reached => Use Soliphant FTM as point level switch.
10.8V…45V DC
DC PNP
I max 200 mA
1
1
1
+
2
2
2
–
–
3
3
3
FTC262
C
D
A
B
1.
2.
3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com