Electronic Components Datasheet Search
  English  ▼

X  

FTC262 Datasheet(PDF) 8 Page - Endress+Hauser Group Services AG

Part # FTC262
Description  Point level switch with buildup compensation No calibration necessary
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

FTC262 Datasheet(HTML) 8 Page - Endress+Hauser Group Services AG

Back Button FTC262 Datasheet HTML 4Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 5Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 6Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 7Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 8Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 9Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 10Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 11Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 12Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Minicap FTC260, FTC262
8
Endress+Hauser
Performance characteristics
Reference operating
conditions
In plastic container:
• Ambient temperature: 23 °C (73 °F)
• Medium temperature: 23 °C (73 °F)
• Medium pressure pe: 0 bar (0 psi)
• Medium: dielectric constant εr = 2.6
• Conductivity: < 1 μS
• Sensitivity setting: C
Hysteresis
• FTC260: 4 mm (0.16 in) horizontal, 7 mm (0.28 in) vertical
• FTC262: 5 mm (0.2 in) vertical
Switch point
• FTC260: Probe center –5 mm (-0.2 in) horizontal, above probe tip 40 mm (1.57 in) vertical
• FTC262: Above probe tip: 35 mm (1.38 in) vertical
Probe length tolerances; mm (in):
– Probe length L
Tolerances
– up to 1000 (39.4)
+0/–10 (+0/–0.39)
– up to 3000 (118)
+0/–20 (+0/–0.79)
– up to 6000 (236)
+0/–30 (+0/–1.18)
Power up response
• FTC260: Correct switching after max. 1.5 s
• FTC262: Correct switching after max. 2 s
Long-term drift
• FTC260: 3 mm (0.12 in) horizontal, 6 mm (0.24 in) vertical
• FTC262: Vertical 6 mm (0.24 in)
Influence of medium
temperature
Depending on material to be measured
Installation
Installation
Silo Material
The Minicap can be used in a range of silos made of different materials.
Mounting Point
Note the angle of the material mounds and the outlet funnel when determining the mounting point or
probe length of the FTC262.
NOTICE
The material flow must not be directed at the probe!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com