Electronic Components Datasheet Search
  English  ▼

X  

FTC262 Datasheet(PDF) 6 Page - Endress+Hauser Group Services AG

Part # FTC262
Description  Point level switch with buildup compensation No calibration necessary
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

FTC262 Datasheet(HTML) 6 Page - Endress+Hauser Group Services AG

Back Button FTC262 Datasheet HTML 2Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 3Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 4Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 5Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 6Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 7Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 8Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 9Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 10Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Minicap FTC260, FTC262
6
Endress+Hauser
Output
Output signal
• DC, PNP transistor output:
Switching: PNP
Imax 200 mA
– overload and short circuit protection
– residual voltage at transistor
at Imax < 2.9 V
•AC / DC, Relay output:
Contact: change-over,
potential-free
U~max 253 V, I~max 4 A (AC)
P~max 1000 VA, cos ϕ = 1
P~max 500 VA, cos ϕ > 0.7
I%max
4 A for U% 30 V
I%max 0.2 A for U% 253 V
Signal on alarm
• DC, PNP transistor output: <100 μA
• AC / DC, Relay output: relay de-energized
Switching delay when free or
covered
• FTC260: 0.5 s
• FTC262: 0.8 s
Overvoltage category
Category II (as per EN 61010-1)
Protection class
Class I (as per EN 61010-1)
Power supply
Electrical connection
To ensure that the Minicap operates safely and without electrical interference, it must be connected to
an earthed silo with metal or reinforced concrete walls.
For silos made of non-conductive materials, the external earth wire of the Minicap must be connected
to a conductive and earthed component which is earthed near to the silo. The protective earth can be
connected to the internal earth terminal of the Minicap.
Connections can be made with standard instrument cabling.
See TI00241F/00/EN for information on EMC (testing procedures, installation).
Connect the potential matching lead (PAL) when using in dust explosion hazardous areas.
Note national regulations!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com