Electronic Components Datasheet Search
  English  ▼

X  

FTC262 Datasheet(PDF) 7 Page - Endress+Hauser Group Services AG

Part # FTC262
Description  Point level switch with buildup compensation No calibration necessary
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

FTC262 Datasheet(HTML) 7 Page - Endress+Hauser Group Services AG

Back Button FTC262 Datasheet HTML 3Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 4Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 5Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 6Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 7Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 8Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 9Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 10Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 11Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Minicap FTC260, FTC262
Endress+Hauser
7
Minicap AC or DC connection and relay output
Minicap with three-cable DC connection; Transistor output PNP
Supply voltage
• DC, PNP transistor output:
U% 10.8 to 45 V DC
– transient pulses to 55 V
– current consumption max. 30 mA
– reverse polarity protected
•AC / DC, Relay output:
U~ 20 to 253 V AC or
U% 20 to 55 V DC
– current consumption max. 130 mA
Terminal compartment
• Stranded wires max. 1.5 mm2 (16 AWG) in end sleeves
• Electric wire max. 2.5 mm2 (14 AWG)
F1:
F2:
M:
E:
Fine-wire fuse to protect the relay contact,
dependent on the connected load
Fine-wire fuse, 500 mA
Earth connection to silo or metal
components
on silo
Earth
L00-FTC26xxx-04-06-xx-en-001
Minicap FTC260 with F14 housing: no ground lines (PE) or potential matching lines (PAL) are
required.
F:
R:
M:
E:
Fine-wire fuse, 500 mA
Connected load, e.g. PLC, PCS, relay
Earth connection to silo or metal
components
on silo
Earth
L00-FTC26xxx-04-06-xx-xx-001
Minicap is protected against reverse polarity. The green LED for standby goes out if the connections
are reversed.
Minicap FTC260 with F14 housing: no ground lines (PE) or potential matching lines (PAL) are
required.
L1 N
L+ L–
3 4 5
1 2
F2
F1
U~ 20…253 V
U– 20… 55 V
...
U~
max. 253 V/ 4 A
max. 1000 VA, cos
= 1
U–
max. 30 V/ 4 A
max. 253 V/ 0,2 A
j
...
PE
PAL
M
E X
E
oder
L+ L–
PE
1 2 3
F
R
max.
200 mA
U 10,8…45 V DC
+
PAL
M
EX
E
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com