Electronic Components Datasheet Search
  English  ▼

X  

FTC262 Datasheet(PDF) 5 Page - Endress+Hauser Group Services AG

Part # FTC262
Description  Point level switch with buildup compensation No calibration necessary
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

FTC262 Datasheet(HTML) 5 Page - Endress+Hauser Group Services AG

  FTC262 Datasheet HTML 1Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 2Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 3Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 4Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 5Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 6Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 7Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 8Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 9Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Minicap FTC260, FTC262
Endress+Hauser
5
Fail-safe mode
MIN-/MAX detection on the electronic insert, switchable.
MIN
The output switches if the probe is uncovered or if the supply voltage is disconnected in a safety-
oriented manner (signal on alarm). Used for dry-running protection and pump protection, for example.
MAX
The output switches if the probe is covered or if the supply voltage is disconnected in a safety-oriented
manner (signal on alarm). Used for overfill protection, for example.
L00-FTC26xxx-15-06-xx-xx-012
Function and selection of fail-safe mode
Input
Measured variable
Point level
Measuring range
• FTC260: εr ≥ 1.6
• FTC262: εr ≥ 1.5
MAX
GN RD
U– DC
…
PNP
U– AC/DC
MIN
34 5
34 5
34 5
34 5
U 0 V
1
2
34 5
1
+
R
R
I
L
I
R
DU
3
3
+
R
I
L
DU
3
R
I
R
3
R
I
R
3
Relais
+
L
–
L
1
1
1
1
+
L
–
L
+
L
–
L
+
L
–
L
+
L
–
L
max. 253V 4A
20V…253V AC
20V…55V DC
DC PNP
I max 200 mA
3
1
L1
4
2
N
5
FTC 262
C
D
A
B
S
GN
RD
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com