Electronic Components Datasheet Search
  English  ▼

X  

FTC262 Datasheet(PDF) 3 Page - Endress+Hauser Group Services AG

Part # FTC262
Description  Point level switch with buildup compensation No calibration necessary
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

FTC262 Datasheet(HTML) 3 Page - Endress+Hauser Group Services AG

  FTC262 Datasheet HTML 1Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 2Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 3Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 4Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 5Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 6Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 7Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 8Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 9Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Minicap FTC260, FTC262
Endress+Hauser
3
Function and system design
Measuring principle
Point Level Detection
A metal plate at the end of the probe, within the insulation, the integrated counter-electrode and the
surroundings combine to form the two electrodes of a capacitor.
If the probe is covered or free of process medium, the capacitance changes and the Minicap switches.
Active Build-up Compensation
The Minicap detects build-up on the probe and compensates for its effects so that the switch point is
always observed. The effects of build-up compensation depend on:
• the thickness of the buildup on the probe,
• the conductivity of the buildup,
• the sensitivity setting on the electronic insert.
Measuring System
Minicap is an electronic switch. The complete measuring system consists of:
• the Minicap FTC260 or FTC262
• a power supply and
• controllers, switching devices, signal transmitters (e.g. lamps, horns, PCS, PLC, etc.)
L00-FTC26xxx-14-06-xx-xx-001
Point level detection in silos containing solids
FTC262
FTC260
MAX
MIN
FTC260



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com