Electronic Components Datasheet Search
  English  ▼

X  

FTC262 Datasheet(PDF) 9 Page - Endress+Hauser Group Services AG

Part # FTC262
Description  Point level switch with buildup compensation No calibration necessary
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

FTC262 Datasheet(HTML) 9 Page - Endress+Hauser Group Services AG

Back Button FTC262 Datasheet HTML 5Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 6Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 7Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 8Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 9Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 10Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 11Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 12Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 13Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Minicap FTC260, FTC262
Endress+Hauser
9
Installation instructions
FTC260
Correct Installation
a.
Minimum distances:
To prevent mutual interference with the FTC260, there must be a minimum distance of 200 mm
(7.87 in) between two probe tips.
b.
Mounting point:
Tip of probe points slightly downwards so that process medium can slide off more easily.
The protective cover protects the probe rod from collapsing mounds or mechanical strain at the
outflow when the Minicap FTC260 is set to minimum detection.
c.
Mechanical load:
The maximum lateral load on the probe rode must be taken into account when used for minimum
detection. It should therefore only be used for minimum detection with loose materials that have
good flow characteristics.
Incorrect Installation
d.
The probe may be damaged by inflowing material. and cause faulty switching. Cable gland
pointed upwards can allow moisture to enter.
e.
Threaded socket too long with material build-up on the silo wall.
(Minimum mounting depth 100 mm (3.94 in) not reached).
f.
Mounted near build-up in the silo.
The probe tip is too near to a silo wall (less than a minimum distance of 200 mm (7.87 in) ).
Correct Installation
Incorrect Installation
L00-FTC26xxx-11-06-xx-xx-001
General information and recommendations for installing a Minicap FTC260 point level switch
a)
b)
c)
MAX
MIN
<50
(<1,97)
25
(0,98)
200
(7,87)
<1400 N
e)
d)
>100
(>3,94)
>200
(>7,87)
f)
200
(7,87)
mm (in)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com