Electronic Components Datasheet Search
  English  ▼

X  

FTC262 Datasheet(PDF) 11 Page - Endress+Hauser Group Services AG

Part # FTC262
Description  Point level switch with buildup compensation No calibration necessary
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

FTC262 Datasheet(HTML) 11 Page - Endress+Hauser Group Services AG

Back Button FTC262 Datasheet HTML 7Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 8Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 9Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 10Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 11Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 12Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 13Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 14Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 15Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Minicap FTC260, FTC262
Endress+Hauser
11
Environment
Ambient temperature Ta
–40 to +70 °C (–40 to +158 °F)
For Dust-Ex version: –40 to +60 °C (–40 to +140 °F)
Storage temperature
–40 to +80 °C (–40 to +176 °F)
Climate class
As per EN 60068 part 2-38 (Z/AD), (IEC 68-2-38)
Degree of protection
IP66; Type 4 encl. (with F14 housing)
IP66; Type 4x encl. (with F34 housing)
Impact resistance
Probe with F34 housing: 7 J
Vibrational resistance
EN 60068-2-64 (IEC 68-2-64),
a(RMS) = 50 m/s2; ASD = 1.25 (m/s2)2/Hz; f = 5 to 2000 Hz, t = 3x2 h
Electromagnetic
compatibility
Interference Emission to EN 61326, Electrical Equipment Class A
Interference Immunity to EN 61326, Annex A (Industrial) and NAMUR Recommendation NE 21
(EMC)
See TI00241F for general instructions regarding the EMC test conditions for E+H instruments.
Operating height
Up to 2000 m (6600 ft) above mean sea level.
Process
Process temperature Tp
• FTC260: –40 to +120 °C (–40 to +248 °F)
Derating above Tp = 80 °C (176 °F): Tp = 120 °C @ Ta = 50 °C (Tp = 248 °F @ Ta = 122 °F)
For Dust-Ex version: –40 to +80 °C (–40 to +176 °F)
• FTC262: –40 to +80 °C (–40 to +176 °F)
Process pressure range pp
• FTC260: –1 to +25 bar (-14.5 to +362 psi)
• FTC262: –1 to +6 bar (-14.5 to +87 psi)
Temperature diagrams
L00-FTC26xxx-05-06-xx-xx-001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com