Electronic Components Datasheet Search
  English  ▼

X  

68HC705JB2 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # 68HC705JB2
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705JB2 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button 68HC705JB2 Datasheet HTML 10Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 11Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 12Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 13Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 14Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 15Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 16Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 17Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 128 page
background image
GENERAL RELEASE SPECIFICATION
August 28, 1998
GENERAL DESCRIPTION
MC68HC705JB2
1-2
REV 1.1
1.2
MASK OPTIONS
The mask options on the MC68HC705JB2 are handled with five EPROM bits in
the Mask Option Register ($01FF). These options are:
•
External interrupt pins (IRQ, PA0 to PA3):
[edge-triggered or edge-and-level-triggered]
•
Port A and port B pull-down/pull-up resistors:
[connected or disconnected]
•
PA0-PA3 external interrupt capability:
[enabled or disabled]
•
OSC, crystal/ceramic resonator startup delay:
[4064 or 128 internal bus cycles]
•
Low Voltage Reset (LVR):
[enabled or disabled]
To program the MOR, the MORON bit in the Program Control Register
(bit 3 of $3E) must be set to “1”.
IRQTRIG – IRQ, PA0-PA3 Interrupt Options
1 =
Edge-trigger only
0 =
Edge-and-level-triggered
PULLREN – Port A and B Pullup/Pulldown Options
1 =
Connected
0 =
Disconnected
PAINTEN – PA0-PA3 External Interrupt Options
1 =
Disabled
0 =
Enabled
OSCDLY – Oscillator Delay Option
1 =
128 internal clock cycles
0 =
4064 internal clock cycles
LVREN – LVR Option
1 =
Enabled
0 =
Disabled
bit-7
bit-6
bit-5
bit4
bit-3
bit-2
bit1
bit-0
MOR
$01FF
Read
IRQTRIG
PULLREN
PAINTEN
OSCDLY
LVREN
Write
Erased
0001
1
111
Reset
Unaffected
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com