Electronic Components Datasheet Search
  English  ▼

X  

68HC705JB2 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 68HC705JB2
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705JB2 Datasheet(HTML) 4 Page - NXP Semiconductors

  68HC705JB2 Datasheet HTML 1Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 2Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 3Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 4Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 5Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 6Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 7Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 8Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 128 page
background image
GENERAL RELEASE SPECIFICATION
August 28, 1998
MC68HC705JB2
ii
REV 1.1
TABLE OF CONTENTS
Section
Title
Page
4.4.1
External Interrupt (IRQ) ............................................................................... 4-4
4.4.2
IRQ Control/status Register (ICSR) $0A ..................................................... 4-5
4.4.3
Optional External Interrupts (PA0-PA3)....................................................... 4-6
4.4.4
Timer1 Interrupt (TIMER1)........................................................................... 4-7
4.4.5
USB Interrupt (USB) .................................................................................... 4-7
4.4.6
MFT Interrupt (MFT) .................................................................................... 4-7
SECTION 5
RESETS
5.1
EXTERNAL RESET (RESET).......................................................................... 5-2
5.2
INTERNAL RESETS ........................................................................................ 5-2
5.2.1
Power-On Reset (POR) ............................................................................... 5-2
5.2.2
USB Reset ................................................................................................... 5-2
5.2.3
Illegal Address Reset (ILADR)..................................................................... 5-3
5.2.4
Low Voltage Reset (LVR) ............................................................................ 5-3
SECTION 6
LOW POWER MODES
6.1
STOP MODE.................................................................................................... 6-1
6.2
WAIT MODE .................................................................................................... 6-1
6.3
DATA-RETENTION MODE.............................................................................. 6-3
SECTION 7
INPUT/OUTPUT PORTS
7.1
PORT A............................................................................................................ 7-2
7.1.1
Port A Data Register.................................................................................... 7-2
7.1.2
Port A Data Direction Register..................................................................... 7-2
7.1.3
Port A Pulldown Register............................................................................. 7-3
7.1.4
Port A Drive Capability................................................................................. 7-3
7.1.5
Port A I/O Pin Interrupts............................................................................... 7-3
7.2
PORT B............................................................................................................ 7-4
7.2.1
Port B Data Register.................................................................................... 7-4
7.2.2
Port B Data Direction Register..................................................................... 7-5
7.2.3
Slow Output Falling-Edge Transition ........................................................... 7-5
7.2.4
Port B Pulldown/Pullup Register.................................................................. 7-5
7.3
I/O PORT PROGRAMMING ............................................................................ 7-6
7.3.1
Pin Data Direction........................................................................................ 7-6
7.3.2
Output Pin.................................................................................................... 7-6
7.3.3
Input Pin....................................................................................................... 7-6
7.3.4
I/O Pin Transitions ....................................................................................... 7-7
7.3.5
I/O Pin Truth Tables..................................................................................... 7-7
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com