Electronic Components Datasheet Search
  English  ▼

X  

68HC705JB2 Datasheet(PDF) 92 Page - NXP Semiconductors

Part # 68HC705JB2
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705JB2 Datasheet(HTML) 92 Page - NXP Semiconductors

Back Button 68HC705JB2 Datasheet HTML 88Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 89Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 90Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 91Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 92Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 93Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 94Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 95Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 96Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 128 page
background image
GENERAL RELEASE SPECIFICATION
August 28, 1998
UNIVERSAL SERIAL BUS MODULE
MC68HC705JB2
10-24
REV 1.1
TP1SIZ3-TP1SIZ0 — Endpoint 1/Endpoint 2 Transmit Data Packet Size
These read/write bits store the number of transmit data bytes for the next IN
token request for Endpoint 1 or Endpoint 2. These bits are cleared by reset.
10.5.6 USB Control Register 2 (UCR2)
TX1STR — Clear Transmit First Flag
Writing a logic 1 to this write-only bit will clear the TX1ST bit if it is set. Writing a
logic 0 to the TX1STR has no effect. Reset clears this bit.
TX1ST — Transmit First Flag
This read-only bit is set if the Endpoint 0 Data Transmit Flag (TXD0F) is set
when the USB control logic is setting the Endpoint 0 Data Receive Flag
(RXD0F). That is, this bit will be set if an Endpoint 0 Transmit Flag is still set at
the end of an Endpoint 0 reception. This bit lets the firmware know that the
Endpoint 0 transmission happened before the Endpoint 0 reception. Reset
clears this bit.
1 =
IN transaction occurred before SETUP/OUT.
0 =
IN transaction occurred after SETUP/OUT.
ENABLE2 — Endpoint 2 Enable
This read/write bit enables Endpoint 2 and allows the USB to respond to IN
packets addressed to Endpoint 2. Reset clears this bit.
1 =
Endpoint 2 is enabled and can respond to an IN token.
0 =
Endpoint 2 is disabled
ENABLE1 — Endpoint 1 Enable
This read/write bit enables Endpoint 1 and allows the USB to respond to IN
packets addressed to Endpoint 1. Reset clears this bit.
1 =
Endpoint 1 is enabled and can respond to an IN token.
0 =
Endpoint 1 is disabled
STALL2 — Endpoint 2 Force Stall Bit
This read/write bit causes Endpoint 2 to return a STALL handshake when
polled by either an IN or OUT token by the USB Host Controller. Reset clears
this bit.
1 =
Send STALL handshake.
0 =
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
UCR2
R
0
TX1ST
0
ENABLE2 ENABLE1
STALL2
STALL1
$0037
W
TX1STR
reset
⇒
-
-
0
-
0000
= Unimplemented
Figure 10-25. USB Control Register 2 (UCR2)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com