| Electronic Components Datasheet Search |
|
68HC705JB2 Datasheet(PDF) 53 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
68HC705JB2 Datasheet(HTML) 53 Page - NXP Semiconductors |
|
53 / 128 page ![]() August 28, 1998 GENERAL RELEASE SPECIFICATION INPUT/OUTPUT PORTS REV 1.1 7-7 7.3.4 I/O Pin Transitions A "glitch" can be generated on an I/O pin when changing it from an input to an output unless the data register is first preconditioned to the desired state before changing the corresponding DDR bit from a zero to a one. If pulldowns are enabled by mask option, a floating input can be avoided by clearing the pulldown/pullup register bit before changing the corresponding DDR from a one to a zero. This will insure that the pulldown device will be activated before the I/O pin changes from a driven output to a pulled low/high input. 7.3.5 I/O Pin Truth Tables Every pin on Port A and Port B may be programmed as an input or an output under software control as shown in Table 7-1 and Table 7-2. All port I/O pins may also have software programmable pulldown/pullup devices if selected by the appropriate mask option. Table 7-1. Port A I/O Pin Functions Table 7-2. Port B I/O Pin Functions Accesses to PDURA at $0010 Accesses to Data Register @ $0000 0 1 IN, Hi-Z OUT PDURA0-7 PDURA0-7 DDRA0-7 DDRA0-7 I/O Pin PA0-7 * PA0-7 U U I/O Pin Mode DDRA Read/Write Accesses to DDRA @ $0004 Read Write NOTE: U is undefined. Read Write * Does not affect input, but stored to data register Accesses to PDURB at $0011 Accesses to Data Register @ $0001 0 1 IN, Hi-Z OUT PDURB0-2 PDURB0-2 DDRB0-2 DDRB0-2 I/O Pin PB0-2 * PB0-2 U U I/O Pin Mode DDRA Read/Write Accesses to DDRB @ $0005 Read Write Read Write * Does not affect input, but stored to data register NOTE: U is undefined. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |