Electronic Components Datasheet Search
  English  ▼

X  

68HC705JB2 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # 68HC705JB2
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705JB2 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button 68HC705JB2 Datasheet HTML 13Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 14Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 15Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 16Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 17Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 18Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 19Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 20Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 128 page
background image
August 28, 1998
GENERAL RELEASE SPECIFICATION
GENERAL DESCRIPTION
REV 1.1
1-5
1.
A crystal as shown in Figure 1-3(a)
2.
A ceramic resonator as shown in Figure 1-3(a)
3.
An external clock signal as shown in Figure 1-3(b)
The frequency, fOSC, of the oscillator or external clock source is divided by two to
produce the internal operating frequency, fOP. If the internal operating frequency is
3MHZ, then the external oscillator frequency will be 6MHz. For LS USB 1.5MHz
frequency clock can be derived from a divided by 4 circuit. The type of oscillator is
selected by a mask option.
1.4.2.1
Crystal Oscillator
The circuit in Figure 1-3(a) shows a typical oscillator circuit for an AT-cut, parallel
resonant crystal. The crystal manufacturer’s recommendations should be
followed, as the crystal parameters determine the external component values
required to provide maximum stability and reliable start-up. The load capacitance
values used in the oscillator circuit design should include all stray capacitances.
The crystal and components should be mounted as close as possible to the pins
for start-up stabilization and to minimize output distortion. An internal start-up
resistor of typically 2M
Ω is provided between OSC1 and OSC2 for the crystal type
oscillator.
Figure 1-3. Oscillator Connections
1.4.2.2
Ceramic Resonator Oscillator
In cost-sensitive applications, a ceramic resonator can be used in place of the
crystal. The circuit in Figure 1-3(a) can be used for a ceramic resonator. The
resonator manufacturer’s recommendations should be followed, as the resonator
parameters determine the external component values required for maximum
stability and reliable starting. The load capacitance values used in the oscillator
circuit design should include all stray capacitances. The ceramic resonator and
MCU
37 pF
37 pF
2M
Ω
unconnected
External Clock
OSC1
OSC2
MCU
(a) Crystal or Ceramic Resonator
Connections
(b) External Clock
Source Connection
OSC1
OSC2
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com