Electronic Components Datasheet Search
  English  ▼

X  

68HC705JB2 Datasheet(PDF) 93 Page - NXP Semiconductors

Part # 68HC705JB2
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705JB2 Datasheet(HTML) 93 Page - NXP Semiconductors

Back Button 68HC705JB2 Datasheet HTML 89Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 90Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 91Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 92Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 93Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 94Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 95Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 96Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 97Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 128 page
background image
August 28, 1998
GENERAL RELEASE SPECIFICATION
UNIVERSAL SERIAL BUS MODULE
REV 1.1
10-25
STALL1 — Endpoint 1 Force Stall Bit
This read/write bit causes Endpoint 1 to return a STALL handshake when
polled by either an IN or OUT token by the USB Host Controller. Reset clears
this bit.
1 =
Send STALL handshake
0 =
Default
10.5.7 USB Status Register (USR)
RSEQ — Endpoint 0 Receive Sequence Bit
This read only bit indicates the type of data packet last received for Endpoint 0
(DATA0 or DATA1).
1 =
DATA1 Token received in last Endpoint 0 receive
0 =
DATA0 Token received in last Endpoint 0 receive
SETUP — SETUP Token Detect Bit
This read only bit indicates that a valid SETUP token has been received.
1 =
Last token received for Endpoint 0 was a SETUP token
0 =
Last token received for Endpoint 0 was not a SETUP token
RPSIZ3-RPSIZ0 — Endpoint 0 Receive Data Packet Size
These read only bits store the number of data bytes received for the last OUT
or SETUP transaction for Endpoint 0. These bits are not affected by reset.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
USR
R
RSEQ
SETUP
0
0
RPSIZ3
RPSIZ2
RPSIZ1
RPSIZ0
$003D
W
reset
⇒
UUUUUUUU
= Unimplemented
Figure 10-26. USB Status Register (USR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com