Electronic Components Datasheet Search
  English  ▼

X  

68HC705JB2 Datasheet(PDF) 81 Page - NXP Semiconductors

Part # 68HC705JB2
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705JB2 Datasheet(HTML) 81 Page - NXP Semiconductors

Back Button 68HC705JB2 Datasheet HTML 77Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 78Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 79Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 80Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 81Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 82Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 83Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 84Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 85Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 128 page
background image
August 28, 1998
GENERAL RELEASE SPECIFICATION
UNIVERSAL SERIAL BUS MODULE
REV 1.1
10-13
10.4.3 Receiver Characteristics
USB data transmission is done with differential signals. A differential input receiver
is used to accept the USB data signal. A differential 1 on the bus is represented by
D+ being at least 200 mV more positive than D- as seen at the receiver, and a
differential 0 is represented by D- being at least 200 mV more positive than D+ as
seen at the receiver. The signal cross over point must be between 1.3V and 2.0V.
The receiver features an input sensitivity of 200 mV when both differential data
inputs are in the range of 0.8 V to 2.5 V with respect to the local ground reference.
This is called the common mode input voltage range. Proper data reception is also
achieved when the differential data lines are outside the common mode range, as
shown in Figure 10-13.
The receiver can tolerate static input voltages between
–0.5V to 3.8 V with respect to its local ground reference without damage. In
addition to the differential receiver, there is a single-ended receiver (schmitt
trigger) for each of the two data lines.
Figure 10-13. Differential Input Sensitivity Over Entire Common Mode Range
10.4.3.1 Receiver Data Jitter
The data receivers for all types of devices must be able to properly decode the
differential data in the presence of jitter. The more of the bit cell that any data edge
can occupy and still be decoded, the more reliable the data transfer will be. Data
receivers are required to decode differential data transitions that occur in a
window plus and minus a nominal quarter bit cell from the nominal (centered) data
edge position.
Jitter will be caused by the delay mismatches and by mismatches in the source
and destination data rates (frequencies). The receive data jitter budget for low
speed is given in the electrical section of the this specification. The specification
includes the consecutive (next) and paired transition values for each source of
jitter.
COMMON MODE INPUT VOLTAGE (VOLTS)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
1.0
0.8
0.6
0.4
0.2
0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com