Electronic Components Datasheet Search
  English  ▼

X  

ADF4368 Datasheet(PDF) 42 Page - Analog Devices

Part # ADF4368
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4368 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADF4368 Datasheet HTML 38Page - Analog Devices ADF4368 Datasheet HTML 39Page - Analog Devices ADF4368 Datasheet HTML 40Page - Analog Devices ADF4368 Datasheet HTML 41Page - Analog Devices ADF4368 Datasheet HTML 42Page - Analog Devices ADF4368 Datasheet HTML 43Page - Analog Devices ADF4368 Datasheet HTML 44Page - Analog Devices ADF4368 Datasheet HTML 45Page - Analog Devices ADF4368 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 54 page
background image
Data Sheet
ADF4368
REGISTER DETAILS
analog.com
Rev. 0 | 42 of 54
Address: 0x2B, Reset: 0x83, Name: REG002B
Figure 90.
Table 59. Bit Descriptions for REG002B
Bits
Bit Name
Description
Reset
Access
7
PD_ALL
Main Power Down.
0x1
R/W
0: Normal Operation.
1: Power Down.
6
REG2B_RSV4
Reserved.
0x0
R/W
5
REG2B_RSV3
Reserved.
0x0
R/W
4
REG2B_RSV2
Reserved.
0x0
R/W
3
PD_LD
Power Down the Lock Detector.
0x0
R/W
0: Normal Operation.
1: Power Down the Lock Detector.
2
REG2B_RSV1
Reserved.
0x0
R/W
1
PD_CLKOUT1
Power Down CLK1 Output Buffer.
0x1
R/W
0: Normal Operation.
1: Power Down CLK1 Output.
0
PD_CLKOUT2
Power Down CLK2 Output Buffer.
0x1
R/W
0: Normal Operation.
1: Power Down CLK2 Output.
Address: 0x2C, Reset: 0x00, Name: REG002C
Figure 91.
Table 60. Bit Descriptions for REG002C
Bits
Bit Name
Description
Reset
Access
[7:5]
LDWIN_PW
Lock Detector Pulse Window Width. The details are given in Table 14.
0x0
R/W
[4:0]
LD_COUNT
Number of PFD Cycles Before LD Goes High. Cycles =
24× 2LD_COUNT+3
if LD_COUNT is even
32× 2LD_COUNT−1+3
if LD_COUNT is odd
0x0
R/W
Address: 0x2D, Reset: 0x00, Name: REG002D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com